Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT-111PS Datasheet(PDF) 1 Page - Soberton Inc.

Part # GT-111PS
Description  Non-Washable Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

GT-111PS Datasheet(HTML) 1 Page - Soberton Inc.

  GT-111PS Datasheet HTML 1Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
11547 K -T el Dr i ve Mi nnet on ka, M N 553 43 P h: 952.93 3.3120 Fax: 952.929 .2765
ww w.sober t on .co m
Part No. GT-111PS Non-Washable Type
DIMENSIONS
Type
Unit
Color
Black
Rated Voltage
(V)
1.5
Operating Voltage
(V)
1-4
Current Consumption
(mA)
MAX.10
Coil Resistance
(
Ù
)
50
±
7
.
5
Sound Output (Min)
(dB)
80
Resonance Frequency
(Hz)
2048
Operating Temp
(C)
-20~+60
Storage Temp
(C)
-30~+70
Weight
(g)
2
Terminal
PIN TYPE
Dimension
mm
12 x H5.4
*applied voltage: Rated Voltage, 1/2 duty, square wave
*distance for measurement: 10cm
FREQUENCY RESPONSE
id31208325 pdfMachine by Broadgun Software - a great PDF writer! - a great PDF creator! - http://www.pdfmachine.com http://www.broadgun.com


Similar Part No. - GT-111PS

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
GT-111PS-1 SOBERTON-GT-111PS-1 Datasheet
273Kb / 5P
   Electromagnetic Buzzer
More results

Similar Description - GT-111PS

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
GT-11P SOBERTON-GT-11P Datasheet
103Kb / 1P
   Non-Washable Type
GT-111P SOBERTON-GT-111P Datasheet
135Kb / 2P
   Non-Washable Type
PB-2410 SOBERTON-PB-2410 Datasheet
42Kb / 1P
   Non-Washable Type
PB-2416 SOBERTON-PB-2416 Datasheet
44Kb / 1P
   Non-Washable Type
PB-2418 SOBERTON-PB-2418 Datasheet
54Kb / 1P
   Non-Washable Type
PT-1307 SOBERTON-PT-1307 Datasheet
81Kb / 1P
   Non-Washable Type
PB-3822 SOBERTON-PB-3822 Datasheet
56Kb / 1P
   Non-Washable Type
PT-1707 SOBERTON-PT-1707 Datasheet
79Kb / 1P
   Non-Washable Type
PT-2207 SOBERTON-PT-2207_17 Datasheet
224Kb / 1P
   Non-Washable Type
PT-1307 SOBERTON-PT-1307_17 Datasheet
261Kb / 1P
   Non-Washable Type
PB-2416-2 SOBERTON-PB-2416-2 Datasheet
848Kb / 1P
   Non-Washable Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com