Electronic Components Datasheet Search |
|
CDCM61004 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
CDCM61004 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 35 page ABSOLUTE MAXIMUM RATINGS (1) CDCM61004 www.ti.com ................................................................................................................................................... SCAS871C – FEBRUARY 2009 – REVISED JULY 2009 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. AVAILABLE OPTIONS(1) TA PACKAGED DEVICES FEATURES(2) CDCM61004RHBT 32-pin QFN (RHB) package, small tape and reel –40°C to +85°C CDCM61004RHBR 32-pin QFN (RHB) package, tape and reel (1) For the most current specifications and package information, see the Package Option Addendum located at the end of this data sheet or refer to our web site at www.ti.com. (2) These packages conform to Lead (Pb)-free and green manufacturing specifications. Additional details including specific material contentcan be accessed at www.ti.com/leadfree. GREEN: TI defines Green to mean Lead (Pb)-Free and in addition, uses less package materials that do not contain halogens, including bromine (Br), or antimony (Sb) above 0.1%of total product weight. N/A: Not yet available Lead (Pb)-Free; for estimated conversion dates, go to www.ti.com/leadfree. Pb-FREE: TI defines Lead (Pb)-Free to mean RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and, if designed to be soldered, suitable for use in specified lead-free soldering processes. Over operating free-air temperature range (unless otherwise noted). PARAMETER VALUE UNIT VCC_OUT, VCC_PLL1, VCC_PLL2, Supply voltage range(2) –0.5 to 4.6 V VCC_VCO, VCC_IN VIN Input voltage range(3) –0.5 to (VCC_IN + 0.5) V VOUT Output voltage range(3) –0.5 to (VCC_OUT + 0.5) V IIN Input current 20 mA IOUT Output current 50 mA TSTG Storage temperature range –65 to +150 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating condition is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All supply voltages must be supplied simultaneously. (3) Input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed. Copyright © 2009, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): CDCM61004 |
Similar Part No. - CDCM61004 |
|
Similar Description - CDCM61004 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |