Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO1050DUBR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1050DUBR
Description  ISOLATED CAN TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1050DUBR Datasheet(HTML) 2 Page - Texas Instruments

  ISO1050DUBR Datasheet HTML 1Page - Texas Instruments ISO1050DUBR Datasheet HTML 2Page - Texas Instruments ISO1050DUBR Datasheet HTML 3Page - Texas Instruments ISO1050DUBR Datasheet HTML 4Page - Texas Instruments ISO1050DUBR Datasheet HTML 5Page - Texas Instruments ISO1050DUBR Datasheet HTML 6Page - Texas Instruments ISO1050DUBR Datasheet HTML 7Page - Texas Instruments ISO1050DUBR Datasheet HTML 8Page - Texas Instruments ISO1050DUBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ABSOLUTE MAXIMUM RATINGS
(1) (2)
RECOMMENDED OPERATING CONDITIONS
SUPPLY CURRENT
ISO1050
SLLS983A – JUNE 2009 – REVISED JULY 2009............................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
VALUE / UNIT
VCC1, VCC2
Supply voltage (3)
–0.5 V to 6 V
VI
Voltage input (TXD)
–0.5 V to 6 V
VCANH or VCANH
Voltage range at any bus terminal (CANH, CANL)
–27 V to 40 V
IO
Receiver output current
±15 mA
Bus pins and
±4 kV
GND2(4)
Human Body Model
JEDEC Standard 22, Method A114-C.01
All pins
±4 kV
ESD
Charged Device Model
JEDEC Standard 22, Test Method C101
All pins
±1.5 kV
Machine Model
ANSI/ESDS5.2-1996
All pins
±200 V
TJ
Junction temperature
–55°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This isolator is suitable for basic isolation within the safety limiting data. Maintenance of the safety data must be ensured by means of
protective circuitry.
(3)
All input and output logic voltage values are measured with respect to the GND1 logic side ground. Differential bus-side voltages are
measured to the respective bus-side GND2 ground terminal.
(4)
Tested while connected between Vcc2 and GND2.
MIN
NOM
MAX
UNIT
VCC1
Supply voltage, controller side
3
5.5
V
VCC2
Supply voltage, bus side
4.75
5
5.25
V
VI or VIC
Voltage at bus pins (separately or common mode)
–12(1)
12
V
VIH
High-level input voltage
TXD
2
5.25
V
VIL
Low-level input voltage
TXD
0
0.8
V
VID
Differential input voltage
–7
7
V
Driver
–70
IOH
High-level output current
mA
Receiver
–4
Driver
70
IOL
Low-level output current
mA
Receiver
4
TJ
Junction temperature (see THERMAL CHARACTERISTICS)
-55
125
°C
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VI = 0 V or VCC1 , VCC1 = 3.3V
1
2
ICC1
VCC1 Supply current
mA
VI = 0 V or VCC1 , VCC1 = 5V
2
3
Dominant
VI = 0 V, 60-Ω Load
52
73
ICC2
VCC2 Supply current
mA
Recessive
VI = VCC1
8
12
(1)
All typical values are at 25°C with VCC1 = VCC2 = 5V.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ISO1050


Similar Part No. - ISO1050DUBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1050DUBR TI-ISO1050DUBR Datasheet
773Kb / 23P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050DUBR TI-ISO1050DUBR Datasheet
822Kb / 24P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050DUBR TI1-ISO1050DUBR Datasheet
1Mb / 33P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
More results

Similar Description - ISO1050DUBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1050 TI1-ISO1050_13 Datasheet
1Mb / 33P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050 TI-ISO1050_10 Datasheet
773Kb / 23P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050_101 TI-ISO1050_101 Datasheet
822Kb / 24P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
logo
Analog Devices
ADM3056E AD-ADM3056E Datasheet
529Kb / 21P
   Signal Isolated CAN FD Transceiver
logo
List of Unclassifed Man...
IL41050TE ETC2-IL41050TE Datasheet
161Kb / 10P
   Isolated High-Speed CAN Transceiver
IL41050 ETC2-IL41050 Datasheet
143Kb / 10P
   Isolated High-Speed CAN Transceiver
logo
NXP Semiconductors
TJA1052I NXP-TJA1052I Datasheet
277Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 5-29 January 2018
logo
Analog Devices
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
ADM3053 AD-ADM3053_12 Datasheet
353Kb / 20P
   Signal and Power Isolated CAN Transceiver
REV. A
logo
NXP Semiconductors
TJF1052I NXP-TJF1052I Datasheet
305Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 3-20 May 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com