Electronic Components Datasheet Search |
|
OMAP-L138 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
OMAP-L138 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 255 page 1 OMAP-L138 Low-Power Applications Processor 1.1 Features OMAP-L138 Low-Power Applications Processor www.ti.com SPRS586 – JUNE 2009 (RCPxP) and Square-Root Reciprocal • Dual Core SoC Approximation (RSQRxP) Operations – 300-MHz ARM926EJ-S™ RISC MPU Per Cycle – 300-MHz C674x VLIW DSP – Two Multiply Functional Units • ARM926EJ-S Core • Mixed-Precision IEEE Floating Point – 32-Bit and 16-Bit (Thumb®) Instructions Multiply Supported up to: – DSP Instruction Extensions – 2 SP x SP -> SP Per Clock – Single Cycle MAC – 2 SP x SP -> DP Every Two Clocks – ARM® Jazelle® Technology – 2 SP x DP -> DP Every Three Clocks – EmbeddedICE-RT™ for Real-Time Debug – 2 DP x DP -> DP Every Four Clocks • ARM9 Memory Architecture • Fixed Point Multiply Supports Two 32 x 32-Bit Multiplies, Four 16 x 16-Bit • C674x Instruction Set Features Multiplies, or Eight 8 x 8-Bit Multiplies – Superset of the C67x+™ and C64x+™ ISAs per Clock Cycle, and Complex Multiples – 2400/1800 C674x MIPS/MFLOPS – Instruction Packing Reduces Code Size – Byte-Addressable (8-/16-/32-/64-Bit Data) – All Instructions Conditional – 8-Bit Overflow Protection – Hardware Support for Modulo Loop – Bit-Field Extract, Set, Clear Operation – Normalization, Saturation, Bit-Counting – Protected Mode Operation – Compact 16-Bit Instructions – Exceptions Support for Error Detection and • C674x Two Level Cache Memory Architecture Program Redirection – 32K-Byte L1P Program RAM/Cache • Software Support – 32K-Byte L1D Data RAM/Cache – TI DSP/BIOS™ – 256K-Byte L2 Unified Mapped RAM/Cache – Chip Support Library and DSP Library – Flexible RAM/Cache Partition (L1 and L2) • 128K-Byte RAM Shared Memory – 1024K-Byte Boot ROM • 1.8V or 3.3V LVCMOS IOs (except for USB and • Enhanced Direct-Memory-Access Controller 3 DDR2 interfaces) (EDMA3): • Two External Memory Interfaces: – 2 Channel Controllers – EMIFA – 3 Transfer Controllers • NOR (8-/16-Bit-Wide Data) – 64 Independent DMA Channels • NAND (8-/16-Bit-Wide Data) – 16 Quick DMA Channels • 16-Bit SDRAM With 128 MB Address – Programmable Transfer Burst Size Space • TMS320C674x Floating-Point VLIW DSP Core – DDR2/Mobile DDR Memory Controller – Load-Store Architecture With Non-Aligned • 16-Bit DDR2 SDRAM With 512 MB Support Address Space or – 64 General-Purpose Registers (32 Bit) • 16-Bit mDDR SDRAM With 256 MB – Six ALU (32-/40-Bit) Functional Units Address Space • Supports 32-Bit Integer, SP (IEEE Single • Three Configurable 16550 type UART Modules: Precision/32-Bit) and DP (IEEE Double – With Modem Control Signals Precision/64-Bit) Floating Point – 16-byte FIFO • Supports up to Four SP Additions Per – 16x or 13x Oversampling Option Clock, Four DP Additions Every 2 • LCD Controller Clocks • Supports up to Two Floating Point (SP • Two Serial Peripheral Interfaces (SPI) Each or DP) Reciprocal Approximation Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this document. TMS320C6000, C6000 are trademarks of Texas Instruments. ARM926EJ-S is a trademark of ARM Limited. PRODUCT PREVIEW information concerns products in the Copyright © 2009, Texas Instruments Incorporated formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Similar Part No. - OMAP-L138 |
|
Similar Description - OMAP-L138 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |