Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41LV01PAP Datasheet(PDF) 8 Page - Texas Instruments

Part # TSB41LV01PAP
Description  IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41LV01PAP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSB41LV01PAP Datasheet HTML 4Page - Texas Instruments TSB41LV01PAP Datasheet HTML 5Page - Texas Instruments TSB41LV01PAP Datasheet HTML 6Page - Texas Instruments TSB41LV01PAP Datasheet HTML 7Page - Texas Instruments TSB41LV01PAP Datasheet HTML 8Page - Texas Instruments TSB41LV01PAP Datasheet HTML 9Page - Texas Instruments TSB41LV01PAP Datasheet HTML 10Page - Texas Instruments TSB41LV01PAP Datasheet HTML 11Page - Texas Instruments TSB41LV01PAP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
TSB41LV01
IEEE 1394A ONE-PORT CABLE
TRANSCEIVER/ARBITER
SLLS365 – AUGUST 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ISO
23
I
Link interface isolation control input. This pin controls the operation of output differentiation logic on the CTL
and D pins. If an optional Annex J type isolation barrier is implemented between the TSB41LV01 and LLC,
the ISO pin should be tied low to enable the differentiation logic. If no isolation barrier is implemented (direct
connection), or TI bus holder isolation is implemented, the ISO pin should be tied high to disable the
differentiation logic. For additional information refer to TI application note
Serial Bus Galvanic Isolation,
SLLA011.
LPS
15
I
Link power status input. This pin is used to monitor the active/power status of the link layer controller and
to control the state of the Phy-LLC interface. This pin should be connected to either the VDD supplying the
LLC through a 10 k
Ω resistor, or to a pulsed output which is active when the LLC is powered. A pulsed signal
should be used when an isolation barrier exists between the LLC and Phy. (See Figure 1).
The LPS input is considered inactive if it is sampled low by the Phy for more than 2.6
µs (128 SYSCLK cycles),
and is considered active otherwise (i.e., asserted steady high or an oscillating signal with a low time less than
2.6
µs). The LPS input must be high for at least 21 ns in order to be guaranteed to be observed as high by
the Phy.
When the TSB41LV01 detects that LPS is inactive, it will place the Phy-LLC interface into a low-power reset
state. In the reset state, the CTL and D outputs are held in the logic zero state and the LREQ input is ignored;
however, the SYSCLK output remains active. If the LPS input remains low for more than 26
µs (1280
SYSCLK cycles), the Phy-LLC interface is put into a low-power disabled state in which the SYSCLK output
is also held inactive. The Phy-LLC interface is placed into the disabled state upon hardware reset.
The LLC is considered active only if both the LPS input is active and the LCtrl register bit is set to 1, and is
considered inactive if either the LPS input is inactive or the LCtrl register bit is cleared to 0.
LREQ
1
I
LLC Request input. The LLC uses this input to initiate a service request to the TSB41LV01. Bus holder is
built into this terminal.
PC0
PC1
PC2
20
21
22
I
Power class programming inputs. On hardware reset, these inputs set the default value of the power class
indicated during self-ID. Programming is done by tying these pins high or low. Refer to Table 2 for encoding.
PD
14
I
Power-down input. A high on this pin turns off all internal circuitry except the cable-active monitor circuits,
which controls the CNA output. Asserting the PD input high also activates an internal pull-down on the
RESET terminal so as to force a reset of the internal control logic.
PLLGND
57, 58
PLL circuit ground pins. These pins should be tied together to the low impedance circuit board ground plane.
PLLVDD
56
PLL circuit power pins. A combination of high frequency decoupling capacitors near each pin are suggested,
such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10 µF filtering capacitors are also recommended.
These supply pins are separated from DVDD and AVDD internal to the device to provide noise isolation. They
should be tied at a low-impedance point on the circuit board.
R0
R1
40
41
Current setting resistor pins. These pins are connected to an external resistance to set the internal operating
currents and cable driver output currents. A resistance of 6.30 k
Ω ±0.5% is required to meet the IEEE Std
1394-1995 output voltage limits.
RESET
53
I
Logic reset input. Asserting this pin low resets the internal logic. An internal pull-up resistor to VDD is provided
so only an external delay capacitor is required for proper power-up operation (see
power-up reset in the
APPLICATION INFORMATION section). The RESET terminal also incorporates an internal pull-down which
is activated when the PD input is asserted high. This input is otherwise a standard logic input, and may also
be driven by an open-drain type driver.
SE
28
I
Test control input. This input is used in manufacturing test of the TSB41LV01. For normal use this pin should
be tied to GND through a 1-k
Ω pulldown resistor.
SM
29
I
Test control input. This input is used in manufacturing test of the TSB41LV01. For normal use this pin should
be tied to GND.
SYSCLK
2
O
System clock output. Provides a 49.152 MHz clock signal, synchronized with data transfers, to the LLC.


Similar Part No. - TSB41LV01PAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41LV02A TI-TSB41LV02A Datasheet
630Kb / 50P
[Old version datasheet]   IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
TSB41LV02APAP TI-TSB41LV02APAP Datasheet
630Kb / 50P
[Old version datasheet]   IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03 TI-TSB41LV03 Datasheet
638Kb / 50P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI-TSB41LV03A Datasheet
638Kb / 50P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI1-TSB41LV03A Datasheet
271Kb / 11P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB41LV01PAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 60P
[Old version datasheet]   IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06 TI-TSB41LV06 Datasheet
500Kb / 39P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06A TI-TSB41LV06A Datasheet
617Kb / 48P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI1-TSB41LV03A_14 Datasheet
271Kb / 11P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI-TSB41LV03A Datasheet
638Kb / 50P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV02A TI-TSB41LV02A Datasheet
630Kb / 50P
[Old version datasheet]   IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com