Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA378AIDCKT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA378AIDCKT
Description  Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378AIDCKT Datasheet(HTML) 5 Page - Texas Instruments

  OPA378AIDCKT Datasheet HTML 1Page - Texas Instruments OPA378AIDCKT Datasheet HTML 2Page - Texas Instruments OPA378AIDCKT Datasheet HTML 3Page - Texas Instruments OPA378AIDCKT Datasheet HTML 4Page - Texas Instruments OPA378AIDCKT Datasheet HTML 5Page - Texas Instruments OPA378AIDCKT Datasheet HTML 6Page - Texas Instruments OPA378AIDCKT Datasheet HTML 7Page - Texas Instruments OPA378AIDCKT Datasheet HTML 8Page - Texas Instruments OPA378AIDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TYPICAL CHARACTERISTICS
Time(1s/div)
1
Frequency(Hz)
10
100
1k
10k
1k
100
10
1
CurrentNoise
VoltageNoise
ContinueswithNo1/f(flicker)Noise
OffsetVoltage( V)
m
V =5.5V
S
|OffsetVoltageDrift|( V/ C)
m
°
V =5.5V
S
-
75
Temperature( C)
°
0
-
50
50
100
125
150
80
60
40
20
0
20
40
60
80
-
-
-
-
-
25
25
75
1
Frequency(Hz)
10
100
1k
100k
1M
120
100
80
60
40
20
0
+PSRR
-PSRR
10k
OPA378
OPA2378
www.ti.com ..................................................................................................................................................... SBOS417C – JANUARY 2008 – REVISED JUNE 2009
At TA = +25°C, RL = 10kΩ, VS = +5.5V and VOUT = VS/2, unless otherwise noted.
INPUT CURRENT AND VOLTAGE NOISE
0.1Hz TO 10Hz NOISE
SPECTRAL DENSITY vs FREQUENCY
Figure 1.
Figure 2.
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
OFFSET VOLTAGE DRIFT DISTRIBUTION
Figure 3.
Figure 4.
POWER-SUPPLY REJECTION RATIO
OFFSET VOLTAGE vs TEMPERATURE
vs FREQUENCY
Figure 5.
Figure 6.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA378 OPA2378


Similar Part No. - OPA378AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA378AIDCKT TI-OPA378AIDCKT Datasheet
792Kb / 27P
[Old version datasheet]   Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
More results

Similar Description - OPA378AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA378 TI-OPA378_2 Datasheet
792Kb / 27P
[Old version datasheet]   Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI-OPA378_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise, 900kHz, RRIO,Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI-OPA378 Datasheet
354Kb / 14P
[Old version datasheet]   Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
logo
National Semiconductor ...
LMP7731 NSC-LMP7731 Datasheet
709Kb / 20P
   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO, Operational Amplifier
logo
Texas Instruments
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com