Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA2505IDB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2505IDB
Description  Digitally-Controlled MICROPHONE PREAMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA2505IDB Datasheet(HTML) 1 Page - Texas Instruments

  PGA2505IDB Datasheet HTML 1Page - Texas Instruments PGA2505IDB Datasheet HTML 2Page - Texas Instruments PGA2505IDB Datasheet HTML 3Page - Texas Instruments PGA2505IDB Datasheet HTML 4Page - Texas Instruments PGA2505IDB Datasheet HTML 5Page - Texas Instruments PGA2505IDB Datasheet HTML 6Page - Texas Instruments PGA2505IDB Datasheet HTML 7Page - Texas Instruments PGA2505IDB Datasheet HTML 8Page - Texas Instruments PGA2505IDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PGA2505
Burr-BrownAudio
™ Digitally-Controlled
1
FEATURES
APPLICATIONS
DESCRIPTION
PGA2505
www.ti.com ......................................................................................................................................................... SBOS396B – MARCH 2009 – REVISED JUNE 2009
MICROPHONE PREAMPLIFIER
• MICROPHONE PREAMPLIFIERS AND MIXERS
234
• FULLY DIFFERENTIAL lNPUT-TO-OUTPUT
ARCHITECTURE
• DIGITAL MIXERS AND RECORDERS
• DIGITAL AUDIO EDITING SYSTEMS
• DIGITALLY-CONTROLLED GAIN USING SPI™:
• BROADCAST EQUIPMENT
Gain Range: 9dB through 60dB,
• INTERCOMS
3dB per Step
Unity (0dB) Gain Setting via Serial Port
• DYNAMIC PERFORMANCE:
The
PGA2505
is
a
digitally-controlled,
analog
Equivalent Input Noise with ZS = 150Ω
microphone preamplifier designed for use as a
and Gain = 30dB: –123dBu
front-end for high-performance audio analog-to-digital
Total Harmonic Distortion plus Noise
converters (ADCs). The PGA2505 features include
(THD+N) with Gain = 30dB: 0.0006%
low noise, wide dynamic range, and a differential
signal path. An on-chip dc servo loop is employed to
• ZERO CROSSING DETECTION MINIMIZES
minimize dc offset, while a common-mode servo
AUDIBLE ARTIFACTS WHEN GAIN
function may be used to enhance common-mode
SWITCHING
rejection.SoundPlus™
• INTEGRATED DC SERVO MINIMIZES
The PGA2505 features a gain range of 9dB through
OUTPUT OFFSET VOLTAGE
60dB (3dB/step), along with a unity gain setting. The
• COMMON-MODE SERVO IMPROVES CMRR
wide gain range allows the PGA2505 to be used with
• FOUR-WIRE SERIAL CONTROL PORT
a variety of microphones. Gain settings and internal
INTERFACE:
functions are programmed using a 16-bit control
word, which is loaded using a simple serial port
Simple Interface to Microprocessor
interface. A serial data output pin provides support for
or DSP Serial Ports
daisy-chained
connection
of
multiple
PGA2505
Supports Daisy-Chaining of Multiple
devices. Four programmable digital outputs are
PGA2505 Devices
provided for controlling the external switching of input
• OVER-RANGE OUTPUT PIN PROVIDES
pads, phantom power, and high-pass filters. The
CLIPPING INDICATION
PGA2505 requires both +5V and –5V power supplies
and is available in a small SSOP-24 package.
• FOUR GENERAL-PURPOSE
DIGITAL OUTPUT PINS
• ±5V POWER SUPPLIES
• AVAILABLE IN AN SSOP-24 PACKAGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SoundPlus is a trademark of Texas Instruments Incorporated.
3
SPI is a trademark of Motorola, Inc..
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PGA2505IDB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2500 BURR-BROWN-PGA2500 Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
PGA2500 BURR-BROWN-PGA2500 Datasheet
202Kb / 17P
   Digitally Controlled Microphone Preamplifier
PGA2500IDB BURR-BROWN-PGA2500IDB Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
PGA2500IDB BURR-BROWN-PGA2500IDB Datasheet
202Kb / 17P
   Digitally Controlled Microphone Preamplifier
PGA2500IDBG4 BURR-BROWN-PGA2500IDBG4 Datasheet
202Kb / 17P
   Digitally Controlled Microphone Preamplifier
More results

Similar Description - PGA2505IDB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2500 BURR-BROWN-PGA2500 Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
PGA2500 BURR-BROWN-PGA2500_06 Datasheet
202Kb / 17P
   Digitally Controlled Microphone Preamplifier
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
   Microphone Preamplifier
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
logo
Maxim Integrated Produc...
MAX9810 MAXIM-MAX9810 Datasheet
226Kb / 9P
   Electret Condenser Microphone Cartridge Preamplifier
Rev 0; 7/02
logo
Wolfson Microelectronic...
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
   Stereo ADC with Microphone Preamplifier
WM8737 WOLFSON-WM8737 Datasheet
535Kb / 38P
   STEREO ADC WITH MICROPHONE PREAMPLIFIER
logo
Cirrus Logic
WM8737 CIRRUS-WM8737 Datasheet
413Kb / 40P
   Stereo ADC with Microphone Preamplifier
logo
List of Unclassifed Man...
FP23 ETC1-FP23 Datasheet
84Kb / 4P
   Model FP23 User Guide Microphone Preamplifier
logo
rfsolutions.ltd
SP2 RFSOLUTIONS-SP2 Datasheet
706Kb / 2P
   Low noise balanced input microphone preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com