Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WST-1203UX Datasheet(PDF) 1 Page - Soberton Inc.

Part # WST-1203UX
Description  Washable Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

WST-1203UX Datasheet(HTML) 1 Page - Soberton Inc.

  WST-1203UX Datasheet HTML 1Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
11547 K -T el Dr i ve Mi nnet on ka, M N 553 43 P h: 952.93 3.3120 Fax: 952.929 .2765
ww w.sober t on .co m
Part No. WST-1203 UX/BX Washable Type
(self drive circuit)
DIMENSIONS
Type
Unit
Rated Voltage
(Vdc)
3
Operating Voltage
(Vdc)
2~5
Rated Current
(mA)
< 30
Sound Output at 10cm
(dB)
> 82
Resonance Frequency
(Hz)
2300
±
5
0
0
Response Time
(Ms)
< 25
Operating Temp
(C)
-20+70
Storage Temp
(C)
-25+80
Weight
(g)
2
Dimension
mm
12 x H7.5
*Value applying rated voltage (DC)
*distance for measurement 10cm
*WST-12XXBX: 3100 Hz
CHARACTERISTICS
id7960416 pdfMachine by Broadgun Software - a great PDF writer! - a great PDF creator! - http://www.pdfmachine.com http://www.broadgun.com


Similar Part No. - WST-1203UX

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
WST-1203UX SOBERTON-WST-1203UX Datasheet
329Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1203UX SOBERTON-WST-1203UX_16 Datasheet
329Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results

Similar Description - WST-1203UX

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
WT-2505 SOBERTON-WT-2505 Datasheet
100Kb / 1P
   Washable Type
PT-1407 SOBERTON-PT-1407 Datasheet
88Kb / 1P
   Washable Type
WST-1206UX SOBERTON-WST-1206UX Datasheet
59Kb / 1P
   Washable Type
PT-1706 SOBERTON-PT-1706_17 Datasheet
207Kb / 1P
   Washable Type
WST-1606S SOBERTON-WST-1606S Datasheet
76Kb / 1P
   Washable Type
WT-1201 SOBERTON-WT-1201 Datasheet
133Kb / 2P
   Washable Type
WT-1205 SOBERTON-WT-1205 Datasheet
133Kb / 2P
   Washable Type
WT-1601 SOBERTON-WT-1601 Datasheet
103Kb / 1P
   Washable Type
WT-1612 SOBERTON-WT-1612 Datasheet
102Kb / 1P
   Washable Type
WT-1606 SOBERTON-WT-1606 Datasheet
102Kb / 1P
   Washable Type
WST-0905S SOBERTON-WST-0905S Datasheet
50Kb / 1P
   Washable Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com