Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP408PAPT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP408PAPT
Description  Gigabit 8 x 8 CROSSPOINT SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP408PAPT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVCP408PAPT Datasheet HTML 2Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 3Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 4Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 5Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 6Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 7Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 8Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 9Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ELECTRICAL CHARACTERISTICS
V
ODB(PP)
V
ODPE(PP)
SN65LVCP408
SLLS842 – JUNE 2009....................................................................................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DIFFERENTIAL INPUTS
Positive going differential
VIT+
50
mV
input high threshold
Negative going differential
VIT–
–50
mV
input low threshold
A(EQ)
Equalizer gain
at 1.875 GHz (EQ=1)
9
dB
Termination resistance,
RT(D)
80
100
120
differential
Open-circuit Input voltage
VBB
AC-coupled inputs
1.6
V
(input self-bias voltage)
Biasing network dc
R(BBDC)
30
k
impedance
375 MHz
42
Biasing network ac
R(BBAC)
impedance
2.125 GHz
8.4
DIFFERENTIAL OUTPUTS
VODH
High-level output voltage
650
mVPP
VODL
Low-level output voltage
–650
mVPP
RL = 100 Ω ±1%, Pre-Emph=0 dB
Output differential voltage
VODB
1000
1300
1500
mVPP
without preemphasis(2)
VOCM
Output common mode voltage
1.8
V
Change in steady-state
See Figure 2
ΔVOC(SS)
common-mode output voltage
1
mV
between logic states
Output preemphasis voltage
0
ratio,
3
RL = 100 Ω±1%; x = L or S;
V(PE)
dB
6
See Figure 3
10
Output preemphasis is set to 10 dB during test
Preemphasis duration
t(PRE)
Measured with a 100-MHz clock signal;
175
ps
measurement
RL = 100 Ω ±1%, See Figure 4
Differential on-chip termination between OUT+ and
ro
Output resistance
100
OUT–
CONTROL INPUTS
IIH
High-level Input current
VIN = VCC
5
µA
IIL
Low-level Input current
VIN = GND
-125
-90
µA
R(PU)
Pullup resistance
35
k
POWER CONSUMPTION
PD
Device power dissipation
All outputs terminated 100
1.52
W
PRBS 27-1
Device power dissipation in
PZ
All outputs in 3-state
pattern at 4.25
864
mW
3-State
Gbps
ICC
Device current consumption
All outputs terminated 100
440
mA
(1)
All typical values are at TA = 25°C and VCC = 3.3 V supply unless otherwise noted. They are for reference purposes and are not
production tested.
(2)
Differential output voltage V(ODB) is defined as | OUT+ – OUT– |.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65LVCP408


Similar Part No. - SN65LVCP408PAPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP408PAPT TI1-SN65LVCP408PAPT Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP408PAPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com