Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP418 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP418
Description  8-Channel Gigabit Signal Conditioning Buffer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP418 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVCP418 Datasheet HTML 7Page - Texas Instruments SN65LVCP418 Datasheet HTML 8Page - Texas Instruments SN65LVCP418 Datasheet HTML 9Page - Texas Instruments SN65LVCP418 Datasheet HTML 10Page - Texas Instruments SN65LVCP418 Datasheet HTML 11Page - Texas Instruments SN65LVCP418 Datasheet HTML 12Page - Texas Instruments SN65LVCP418 Datasheet HTML 13Page - Texas Instruments SN65LVCP418 Datasheet HTML 14Page - Texas Instruments SN65LVCP418 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TYPICAL CHARACTERISTICS
0
200
400
600
800
1000
1200
1400
0
1
2
3
4
5
6
7
8
DR-DataRate-Gbps
0
10
20
30
40
50
60
70
0
1
2
3
4
5
6
7
8
DR-DataRate-Gbps
2
PRBSpattern,
TheDJisMeasuredonthe
Outputofthe LVCP418
7-1
0
5
10
15
20
25
30
35
40
50
0
400
800
1200
1600
2000
V
-DifferentialInput Amplitude-mV
ID
PP
45
2.5Gbps
4.25Gbps
1.25Gbps
3.125Gbps
3.75Gbps
0
2
4
6
8
10
14
16
0
0.5
1
1.5
2
2.5
3
V
-CommonModeInputVoltage-V
IC
12
0
5
20
25
30
40
0
0.5
1.5
3
4
4.5
DR-DataRate-Gbps
10
15
35
1
2
2.5
3.5
Noise=650mV
PP
Noise=400mV
PP
Noise=50mV
PP
Noise=200mV
PP
Noise=100mV
PP
Noise=300mV
PP
SN65LVCP418
www.ti.com....................................................................................................................................................................................................... SLLS856 – JUNE 2009
DETERMINISTIC OUTPUT JITTER
DETERMINISTIC OUTPUT JITTER
DIFFERENTIAL OUTPUT VOLTAGE
vs
vs
vs
DATA RATE
DIFFERENTIAL INPUT AMPLITUDE
DATA RATE
Figure 12.
Figure 13.
Figure 14.
SUPPLY NOISE vs DETERMINISTIC
JITTER
DETERMINISTIC OUTPUT JITTER
vs
vs
DATA RATE
COMMON-MODE INPUT VOLTAGE
Figure 15.
Figure 16.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN65LVCP418


Similar Part No. - SN65LVCP418

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP40 TI-SN65LVCP40 Datasheet
986Kb / 19P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI-SN65LVCP40 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI-SN65LVCP40 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI1-SN65LVCP40 Datasheet
1Mb / 25P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2x2 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP418

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B32 AD-5B32 Datasheet
674Kb / 8P
   Single-Channel Signal Conditioning Module
REV. 0
5B32 AD-5B32_15 Datasheet
675Kb / 8P
   Single-Channel Signal Conditioning Module
REV. 0
AD670 AD-AD670_15 Datasheet
366Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD670JNZ AD-AD670JNZ Datasheet
370Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD670 AD-AD670_17 Datasheet
397Kb / 13P
   Low Cost Signal Conditioning 8-Bit ADC
AD670 AD-AD670 Datasheet
364Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com