Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP139RGZT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP139RGZT
Description  DisplayPort to TMDS Translator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP139RGZT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75DP139RGZT Datasheet HTML 4Page - Texas Instruments SN75DP139RGZT Datasheet HTML 5Page - Texas Instruments SN75DP139RGZT Datasheet HTML 6Page - Texas Instruments SN75DP139RGZT Datasheet HTML 7Page - Texas Instruments SN75DP139RGZT Datasheet HTML 8Page - Texas Instruments SN75DP139RGZT Datasheet HTML 9Page - Texas Instruments SN75DP139RGZT Datasheet HTML 10Page - Texas Instruments SN75DP139RGZT Datasheet HTML 11Page - Texas Instruments SN75DP139RGZT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
SN75DP139
SLLS977 – APRIL 2009...................................................................................................................................................................................................... www.ti.com
Table 1. Control Pin Lookup Table
SIGNAL
LEVEL(1)
STATE
DESCRIPTION
OE_N
H
Power Saving
Main Link is disabled. IN_Dx termination = 50
Ω with common mode voltage set to
Mode
0V.
OUT_Dx outputs = high impedance
L
Normal Mode
IN_Dx termination = 50
OUT_Dx outputs = active
I2C_EN
H
HDMI
The Internal I2C register is active and readable when the TMDS port is selected
indicating that the connector being used is HDMI.
This mode selects the fastest rise and fall time for the TMDS differential output
signals
L
DVI
The Internal I2C register is disabled and not readable when the TMDS port is
selected indicating that the connector being used is DVI.
This mode selects a slower rise and fall time for the TMDS differential output signals
See DVI Application Section.
VSadj
4.02 k
Output Voltage
Driver output voltage swing precision control to aid with system compliance
±5%
Swing Contol
HPDINV
H
HPD Inversion
HPD_SOURCE VOH =0.9V (typical) and HPD logic is inverted
L
HPD
HPD_SOURCE VOH =3.2V (typical) and HPD logic is non-inverted
non-inversion
SRC
H
Edge Rate:
SRC helps to slow down the rise and fall time. SRC =High adds ~60ps to the rise
Slowest
and fall time of the TMDS differential output signals in addition to the I2C_EN pin
selection
L
Edge Rate: Slow
SRC helps to slow down the rise and fall time. SRC =Low adds ~30ps to the rise
and fall time of the TMDS differential output signals in addition to the I2C_EN pin
selection
Hi-Z
Edge Rate
Leaving the SRC pin High Z, will keep the default rise and fall time of the TMDS
differential output signals as selected by the I2C_EN pin.
It is recommended that an external resistor-divider (less than 100 k
Ω) is used so
that voltage on this pin = VCC/2, if Hi-Z logic level is intended on this pin.
OVS
H
Offset 1
DDC source side VOL and VIL offset range 1
L
Offset 2
DDC source side VOL and VIL offset range 2
Hi-Z
Offset 3
DDC source side VOL and VIL offset range 3
It is recommended that an external resistor-divider (less than 100 k
Ω) is used so
that voltage on this pin = VCC/2, if Hi-Z logic level is intended on this pin.
DDC_EN
H
DDC Buffer
DDC Buffer is enabled
enabled
L
DDC buffer
DDC Buffer is disabled
disabled
(1)
(H) Logic High; (L) Logic Low; (Z) High Z
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN75DP139


Similar Part No. - SN75DP139RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP139RGZT TI1-SN75DP139RGZT Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
More results

Similar Description - SN75DP139RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP129 TI-SN75DP129 Datasheet
881Kb / 28P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
SN75DP139 TI1-SN75DP139_15 Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
logo
Kinetic Technologies.
STDP2690 KINETIC-STDP2690 Datasheet
392Kb / 4P
   Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
logo
Molex Electronics Ltd.
0687830017 MOLEX8-0687830017 Datasheet
208Kb / 3P
   DisplayPort*-to-DisplayPort* Cable Assembly
logo
IOGEAR
G2LDPDP02 IOGEAR-G2LDPDP02 Datasheet
141Kb / 2P
   DisplayPort to DisplayPort Cable - 6ft
G2LMDPDP02 IOGEAR-G2LMDPDP02 Datasheet
142Kb / 2P
   Mini DisplayPort to DisplayPort Cable - 6ft
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com