Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVCP422DBR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVCP422DBR
Description  Two Channel SATA 3-Gbps Redriver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVCP422DBR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75LVCP422DBR Datasheet HTML 4Page - Texas Instruments SN75LVCP422DBR Datasheet HTML 5Page - Texas Instruments SN75LVCP422DBR Datasheet HTML 6Page - Texas Instruments SN75LVCP422DBR Datasheet HTML 7Page - Texas Instruments SN75LVCP422DBR Datasheet HTML 8Page - Texas Instruments SN75LVCP422DBR Datasheet HTML 9Page - Texas Instruments SN75LVCP422DBR Datasheet HTML 10Page - Texas Instruments SN75LVCP422DBR Datasheet HTML 11Page - Texas Instruments SN75LVCP422DBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SN75LVCP422
SLLS972 – MARCH 2009 ................................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RLDiffRX
Differential mode return loss
f = 150 MHz – 300 MHz
18
dB
f = 300 MHz – 600 MHz
14
f = 600 MHz – 1.2 GHz
10
f = 1.2 GHz – 2.4 GHz
8
f = 2.4 GHz – 3.0 GHz
3
RLCMRX
Common-mode return loss
f = 150 MHz – 300 MHz
5
dB
f = 300 MHz – 600 MHz
5
f = 600 MHz – 1.2 GHz
2
f = 1.2 GHz – 2.4 GHz
1
f = 2.4 GHz – 3.0 GHz
1
VDiffRX
Differential input voltage PP
f = 150 MHz – 300 MHz
200
2000
mV/ppd
IBRX
Impedance balance
f = 150 MHz – 300 MHz
30
dB
f = 300 MHz – 600 MHz
30
f = 600 MHz – 1.2 GHz
20
f = 1.2 GHz – 2.4 GHz
10
f = 2.4 GHz – 3.0 GHz
4
T20-80RX
Rise/fall time
Rise times and fall times measured between 20% and
67
136
ps
80% of the signal
TskewRX
Differential skew
Difference between the single-ended mid-point of the
50
ps
RX+ signal rising/falling edge and the single-ended
mid-point of the RX– signal falling/rising edge
TRANSMITTER AC/DC
ZDiffTX
Pair differential Impedance
85
115
ZSETX
Single-ended input impedance
40
RLDiffTX
Differential mode return loss
f = 150 MHz – 300 MHz
14
dB
f = 300 MHz – 600 MHz
8
f = 600 MHz – 1.2 GHz
6
f = 1.2 GHz – 2.4 GHz
6
f = 2.4 GHz – 3.0 GHz
3
RLCMTX
Common-mode return loss
f = 150 MHz – 300 MHz
5
dB
f = 300 MHz – 600 MHz
5
f = 600 MHz – 1.2 GHz
2
f = 1.2 GHz – 2.4 GHz
1
f = 2.4 GHz – 3.0 GHz
1
IBTX
Impedance balance
f = 150 MHz – 300 MHz
30
dB
f = 300 MHz – 600 MHz
20
f = 600 MHz – 1.2 GHz
10
f = 1.2 GHz – 2.4 GHz
10
f = 2.4 GHz – 3.0 GHz
4
DiffVppTX
Differential output voltage PP
f = 1.5 GHz, D0/D1 = 0, Refer to Figure 2 for test
400
585
700
mVpp
setup
DiffVppTX_PE
Differential output voltage PP
f = 1.5 GHz, D0/D1 = 1, Refer to Figure 2 for test
600
790
965
mVpp
setup
Output pre-emphasis
At 1.5 GHz (when enabled)
2.5
dB
VCMTX
Common-mode voltage
1.97
V
VCMTX_AC
AC CM voltage
Maximum amount of AC CM signal at TX
20
50
mVpp
T20-80TX
Rise/fall time
Rise times and fall times measured between 20% and
67
83
136
ps
80% of the signal, D1/D0 = 0 V
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN75LVCP422


Similar Part No. - SN75LVCP422DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP422DBR TI1-SN75LVCP422DBR Datasheet
555Kb / 18P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
More results

Similar Description - SN75LVCP422DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP422 TI1-SN75LVCP422_14 Datasheet
555Kb / 18P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412 TI-SN75LVCP412 Datasheet
1Mb / 21P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412CD TI1-SN75LVCP412CD Datasheet
789Kb / 21P
[Old version datasheet]   Two Channel SATA 3 Gbps Redriver With Cable Detect
SN75LVPE802 TI1-SN75LVPE802 Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
SN75LVCP601 TI1-SN75LVCP601 Datasheet
2Mb / 23P
[Old version datasheet]   Two-Channel SATA 6-Gb/s Redriver
SN75LVPE801 TI1-SN75LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN65LVPE801 TI1-SN65LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN75LVCP600S TI1-SN75LVCP600S Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
[Old version datasheet]   USB3.2 10 Gbps Dual-Channel Linear Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com