Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5630DKD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630DKD
Description  300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5630DKD Datasheet(HTML) 1 Page - Texas Instruments

  TAS5630DKD Datasheet HTML 1Page - Texas Instruments TAS5630DKD Datasheet HTML 2Page - Texas Instruments TAS5630DKD Datasheet HTML 3Page - Texas Instruments TAS5630DKD Datasheet HTML 4Page - Texas Instruments TAS5630DKD Datasheet HTML 5Page - Texas Instruments TAS5630DKD Datasheet HTML 6Page - Texas Instruments TAS5630DKD Datasheet HTML 7Page - Texas Instruments TAS5630DKD Datasheet HTML 8Page - Texas Instruments TAS5630DKD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
110VAC->240VAC
TAS5630
+25V to +50V
+12V
PurePath HD
TM
TAS5630
(2.1 Configuration)
PurePath HD
TM
Class G Power Supply
Ref design
3 x OPA1632
±15V
ANALOG
AUDIO
INPUT
TAS5630
www.ti.com ...................................................................................................................................................................................................... SLES220 – JUNE 2009
300W STEREO / 600W MONO PurePath™ HD ANALOG-INPUT POWER STAGE
• Mini Combo System
23
• PurePath™ HD Enabled Integrated Feedback
Provides:
• AV Receivers
• DVD Receivers
Signal Bandwidth up to 80kHz for High
Frequency Content From HD Sources
• Active Speakers
Ultralow 0.03% THD at 1W into 4
Flat THD at all Frequencies for Natural
Sound
The TAS5630 is a high performance analog input
Class
D
amplifier
with
integrated
closed
loop
80dB PSRR (BTL, No Input Signal)
feedback technology (known as PurePath™ HD) with
>100dB (A weighted) SNR
the ability to drive up to 300W (1) Stereo into 4 to 8
Click and Pop Free Startup
Speakers from a single 50V supply.
• Multiple Configurations Possible on the Same
PurePath™
HD
technology
enables
traditional
PCB With Stuffing Options:
AB-Amplifier performance (<0.03% THD) levels while
Mono Parallel Bridge Tied Load (PBTL)
providing the power efficiency of traditional class D
amplifiers.
Stereo Bridge Tied Load (BTL)
Unlike traditional Class D amplifiers, the distortion
2.1 Single Ended Stereo Pair and Bridge
curve only increases once the output levels move into
Tied Load Subwoofer
clipping. PurePath Premier Pro™Power PAD™
Quad Single Ended Outputs
PurePath™ HD technology enables lower idle losses
• Total Output Power at 10%THD+N
making the device even more efficient. Coupled with
600W in Mono PBTL Configuration
TI’s Class G power supply reference design for
300W per Channel in Stereo BTL
TAS563x, industry leading levels of efficiency can be
Configuration
achieved.
145W per Channel in Quad Single Ended
Configuration
• High Efficiency Power Stage (>88%) With
60-m
Ω Output MOSFETs
• Two Thermally Enhanced Package Options:
PHD (64-Pin QFP)
DKD (44-Pin PSOP3)
• Self-Protection Design (Including
Undervoltage, Overtemperature, Clipping, and
Short-Circuit Protection) With Error Reporting
• EMI Compliant When Used With
Recommended System Design
(1)
Achievable output power levels are dependent on the thermal
configuration of the target application. A high performance
thermal interface material between the package exposed
heatslug and the heat sink should be used to achieve high
output power levels.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath Premier Pro, Power PAD are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2009, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5630DKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630DKD TI1-TAS5630DKD Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630DKDR TI1-TAS5630DKDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results

Similar Description - TAS5630DKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5613A TI-TAS5613A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615 TI-TAS5615_10 Datasheet
1Mb / 34P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614 TI-TAS5614 Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com