Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2036 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2036
Description  2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2036 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB2036 Datasheet HTML 1Page - Texas Instruments TUSB2036 Datasheet HTML 2Page - Texas Instruments TUSB2036 Datasheet HTML 3Page - Texas Instruments TUSB2036 Datasheet HTML 4Page - Texas Instruments TUSB2036 Datasheet HTML 5Page - Texas Instruments TUSB2036 Datasheet HTML 6Page - Texas Instruments TUSB2036 Datasheet HTML 7Page - Texas Instruments TUSB2036 Datasheet HTML 8Page - Texas Instruments TUSB2036 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TUSB2036
2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS372 – MARCH 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
VF
I/O
DESCRIPTION
BUSPWR
8
I
Power source indicator. BUSPWR is an active low input that indicates whether the downstream ports source
their power from the USB cable or a local power supply. For the bus-power mode, this pin should be pulled
low, and for the self-powered mode, this pin should be pulled to 3.3 V. Input must not change dynamically
during operation.
DM0
2
I/O
Root port USB differential data minus. DM0 paired with DP0 constitutes the upstream USB port.
DM1 – DM3
11, 15,
19
I/O
USB differential data minus. DM1 – DM3 paired with DP1 – DP3 support up to three downstream USB ports.
DP0
1
I/O
Root port USB differential data plus. DP0 paired with DM0 constitutes the upstream USB port.
DP0PUR
27
O
Pull-up resistor connection. Whenever a system reset occurs (RESET being driven to low, but not USB reset)
or any logic level change on BUSPWR terminal, DP0PUR output goes to inactive Low until the internal counter
reaches a 3 ms time period. After the counter expires, DP0PUR is driven to the VCC (3.3 V) level thereafter
until the next system reset event or BUSPWR logic level change.
DP1 – DP3
12, 16,
20
I/O
USB differential data plus. DP1 – DP3 paired with DM1 – DM3 support up to three downstream USB ports.
EECLK
5
O
EEPROM serial clock. When EXTMEM is high, the EEPROM interface is disabled. The EECLK pin is disabled
and should be left floating (unconnected). When EXTMEM is low, EECLK acts as a 3-state serial clock output
to the EEPROM with a 100
µA internal pulldown.
EEDATA/
GANGED
6
I/O
EEPROM serial data/power management mode indicator. When EXTMEM is high, EEDATA/GANGED
selects between gang and per-port power overcurrent detection for the downstream ports. When EXTMEM
is low, EEDATA/GANGED acts as a serial data I/O for the EEPROM and is internally pulled down with a
100
µA pulldown. This standard TTL input must not change dynamically during operation.
EXTMEM
26
I
EEPROM read enable. When EXTMEM is high, the serial EEPROM interface of the device is disabled. When
EXTMEM is low, terminals 5 and 6 are configured as the clock and data pins of the serial EEPROM interface,
respectively.
GND
7, 28
Ground. GND terminals must be tied to ground for proper operation.
OCPROT/
PWRSW
21
I
Overcurrent Protection for bus-powered hub (active low). /Power Switching for self-powered hub (active low).
The pin has a different meaning for the bus or self-powered hub. If the pin is logic-high the internal pull-down
is disabled. (see Notes 1 and 2 ).
OVRCUR1 –
OVRCUR3
10, 14,
18
I
overcurrent input. OVRCUR1 – OVRCUR3 are active low. For per-port overcurrent detection, one overcurrent
input is available for each of the three downstream ports. In the ganged mode, any OVRCUR input may be
used and all OVRCUR pins should be tied together. OVRCUR pins are active low inputs with noise filtering
logic. OVRCUR3 has an internal pull-up that can be enabled for the 2-port operation.
NOTES:
1. If the hub is implemented to be bus-powered (via BUSPWR tying to GND):
– TUSB2036 reports to the host that the hub end-product downstream ports are power-switched (this is required by the USB 1.1
Specification). Hub end product vendor has to ensure the actual end product implementation meets this specification requirement.
– Pin 21 acts as overcurrent protection (OCPROT) implementation indication pin for the bus-powered hub. The overcurrent
protection implementation is reported through the wHubCharacteristics. D4-bit in the hub descriptor.
– When OCPROT is low, the TUSB2036 reports to the host that the hub end-product provides overcurrent protection and the
wHubCharacteristics. D4-bit is set to 0.
– When OCPROT is high, the TUSB2036 reports to the host that the hub end-product does not provide overcurrent protection
and the wHubCharacteristics. D4-bit is set to 1.
2. If the hub is implemented to be self-powered (via BUSPWR tying to 3.3-V VCC),:
– TUSB2036 reports to the host that the hub end-product provides overcurrent protection to the downstream ports (this is required
by the USB 1.1 Specification). Hub end product vendor has to ensure the actual end-product implementation meets this
specification requirement.
– Pin 21 acts as power switching (PWRSW) implementation indication pin for the self-powered hub. The power switching
implementation is reported through the bPwrOn2PwrGood field in the hub descriptor.
– When PWRSW is low, the TUSB2036 reports to the host that the hub end-product has port power switching at the downstream
ports and the bPwrOn2PwrGood is set to 50 units (100 ms).
– When PWRSW is high, the TUSB2036 reports to the host that the hub end-product does not have port power switching at the
downstream ports and the bPwrOn2PwrGood is set to 0 units (0 ms).


Similar Part No. - TUSB2036

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2036VF TI1-TUSB2036VF Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036VF TI1-TUSB2036VF Datasheet
1Mb / 27P
[Old version datasheet]   2- or 3-Port Hub for the Universal Serial Bus
TUSB2036VFG4 TI1-TUSB2036VFG4 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036VFG4 TI1-TUSB2036VFG4 Datasheet
1Mb / 27P
[Old version datasheet]   2- or 3-Port Hub for the Universal Serial Bus
TUSB2036VFR TI1-TUSB2036VFR Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results

Similar Description - TUSB2036

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com