Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTAM2-2-5-L1-0-M12R5 Datasheet(PDF) 4 Page - ASM GmbH

Part # PTAM2-2-5-L1-0-M12R5
Description  Inclination Sensor with Analog Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PTAM2-2-5-L1-0-M12R5 Datasheet(HTML) 4 Page - ASM GmbH

  PTAM2-2-5-L1-0-M12R5 Datasheet HTML 1Page - ASM GmbH PTAM2-2-5-L1-0-M12R5 Datasheet HTML 2Page - ASM GmbH PTAM2-2-5-L1-0-M12R5 Datasheet HTML 3Page - ASM GmbH PTAM2-2-5-L1-0-M12R5 Datasheet HTML 4Page - ASM GmbH PTAM2-2-5-L1-0-M12R5 Datasheet HTML 5Page - ASM GmbH PTAM2-2-5-L1-0-M12R5 Datasheet HTML 6Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
+24V
Analog Out X
Analog Out Y
GND
1 / br
2 / ws
4 / sw
3 / bl
(CCW)
(CW)
ASM GmbH
PN-E-09
27
www.asm-sensor.com
POSITILT®
PTAM2
InclinationSensor
Connectorsund
connectorcables
4-pinconnectorwith
oneortwoanalog
outputs
Pin no.
Wirecoloraccordingto
VDE0293-308
Signal name
1
Brown
+U
B
2
White
Analog output X (x-inclination)
3
Blue
GND
4
Black
Analog output Y (y-inclination as option)
(5) 4-pin compatible
Grey
Do not connect!
brown
white
black
blue
1axis
2axes
+U
B


Similar Part No. - PTAM2-2-5-L1-0-M12R5

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM27 ASM-SENSOR-PTAM27 Datasheet
2Mb / 9P
   Universal MEMS Inclination Sensor with Analog Output
PTAM27-1-15-L1-CCW ASM-SENSOR-PTAM27-1-15-L1-CCW Datasheet
2Mb / 9P
   Universal MEMS Inclination Sensor with Analog Output
PTAM27-1-15-L1-CW ASM-SENSOR-PTAM27-1-15-L1-CW Datasheet
2Mb / 9P
   Universal MEMS Inclination Sensor with Analog Output
PTAM27-1-15-U2-CCW ASM-SENSOR-PTAM27-1-15-U2-CCW Datasheet
2Mb / 9P
   Universal MEMS Inclination Sensor with Analog Output
More results

Similar Description - PTAM2-2-5-L1-0-M12R5

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
PTAM27 ASM-SENSOR-PTAM27 Datasheet
2Mb / 9P
   Universal MEMS Inclination Sensor with Analog Output
PTAM5 ASM-SENSOR-PTAM5 Datasheet
2Mb / 10P
   Extremely robust Inclination Sensor with Analog Output
logo
Pepperl+Fuchs Inc.
INX360D-F99-I2E2-V15-EX PF-INX360D-F99-I2E2-V15-EX Datasheet
1Mb / 5P
   Inclination sensor
INY360D-F99-2U2E2-V17 PF-INY360D-F99-2U2E2-V17 Datasheet
1Mb / 6P
   Inclination sensor
INY030D-F99-B16-V15 PF-INY030D-F99-B16-V15 Datasheet
904Kb / 5P
   Inclination sensor
INY360D-F99-2U2E2-5M PF-INY360D-F99-2U2E2-5M Datasheet
1Mb / 6P
   Inclination sensor
INY120D-F99-B20-V15 PF-INY120D-F99-B20-V15 Datasheet
1Mb / 5P
   Inclination sensor
INY160DH-F199-B16-2V15 PF-INY160DH-F199-B16-2V15 Datasheet
747Kb / 3P
   Inclination sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com