Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2036VF Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2036VF
Description  2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2036VF Datasheet(HTML) 1 Page - Texas Instruments

  TUSB2036VF Datasheet HTML 1Page - Texas Instruments TUSB2036VF Datasheet HTML 2Page - Texas Instruments TUSB2036VF Datasheet HTML 3Page - Texas Instruments TUSB2036VF Datasheet HTML 4Page - Texas Instruments TUSB2036VF Datasheet HTML 5Page - Texas Instruments TUSB2036VF Datasheet HTML 6Page - Texas Instruments TUSB2036VF Datasheet HTML 7Page - Texas Instruments TUSB2036VF Datasheet HTML 8Page - Texas Instruments TUSB2036VF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TUSB2036
2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS372 – MARCH 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Universal Serial Bus (USB) Version 1.1
Compliant
D Integrated USB Transceivers
D 3.3-V Low Power ASIC Logic
D One Upstream Port and 2-3 Programmable
Downstream Ports
– Total Number of Ports (2 or 3) Selected
by Input Pin
– Total Number of Permanently Connected
Ports Is Selected by 2 Input Pins
D Two Power Source Modes
– Self-Powered Mode
– Bus-Powered Mode
D All Downstream Ports Support Full-Speed
and Low-Speed Operations
D Power Switching and Overcurrent
Reporting Is Provided Per Port or Ganged
D Supports Suspend and Resume Operations
D Suspend Status Terminal Available for
External Logic Power Down
D Supports Custom Vendor ID and Product ID
With External Serial EEPROM
D 3-State EEPROM Interface Allows EEPROM
Sharing
D Push-Pull Outputs for PWRON Eliminate
the Need for External Pullup Resistors
D Noise Filtering on OVRCUR Provides
Immunity to Voltage Spikes
D Supports 6 MHz Operation Through Crystal
Input or 48 MHz Input Clock
D Output Pin Available to Disable External
Pullup Resister on DP0 for 3 ms After Reset
or After Change on BUSPWR and Enable
Easy Implementation of On-Board Bus/Self
Power Dynamic Switching Circuitry
D Available in 32-Pin LQFP Package With a
0.8 mm Pin Pitch (JEDEC – S-PQFP-G For
Low-Profile Quad Flat Pack)
VF PACKAGE
(TOP VIEW)
31 30 29 28 27
910
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
NP3
NPINT1
NPINT0
OCPROT/PWRSW
DP3
DM3
OVRCUR3
PWRON3
DP0
DM0
VCC
RESET
EECLK
EEDATA/GANGED
GND
BUSPWR
32
26
11 12 13 14 15 16
25
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TUSB2036VF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2036VF TI1-TUSB2036VF Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036VF TI1-TUSB2036VF Datasheet
1Mb / 27P
[Old version datasheet]   2- or 3-Port Hub for the Universal Serial Bus
TUSB2036VFG4 TI1-TUSB2036VFG4 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036VFG4 TI1-TUSB2036VFG4 Datasheet
1Mb / 27P
[Old version datasheet]   2- or 3-Port Hub for the Universal Serial Bus
TUSB2036VFR TI1-TUSB2036VFR Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results

Similar Description - TUSB2036VF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com