Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5952 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5952
Description  24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5952 Datasheet(HTML) 3 Page - Texas Instruments

  TLC5952 Datasheet HTML 1Page - Texas Instruments TLC5952 Datasheet HTML 2Page - Texas Instruments TLC5952 Datasheet HTML 3Page - Texas Instruments TLC5952 Datasheet HTML 4Page - Texas Instruments TLC5952 Datasheet HTML 5Page - Texas Instruments TLC5952 Datasheet HTML 6Page - Texas Instruments TLC5952 Datasheet HTML 7Page - Texas Instruments TLC5952 Datasheet HTML 8Page - Texas Instruments TLC5952 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TLC5952
www.ti.com........................................................................................................................................................................................................ SBVS129 – MAY 2009
DERATING FACTOR
TA < +25°C
TA = +70°C
TA = +85°C
PACKAGE
ABOVE TA = +25°C
POWER RATING
POWER RATING
POWER RATING
HTSSOP-32 with
42.54 mW/°C
5318 mW
3403 mW
2765 mW
PowerPAD soldered(1)
HTSSOP-32 with
22.56 mW/°C
2820 mW
1805 mW
1466 mW
PowerPAD not soldered(2)
QFN-32(3)
27.86 mW/°C
3482 mW
2228 mW
1811 mW
(1)
With PowerPAD soldered onto copper area on printed circuit board (PCB); 2-oz. copper. For more information, see SLMA002 (available
for download at www.ti.com).
(2)
With PowerPAD not soldered onto copper area on PCB.
(3)
The package thermal impedance is calculated in accordance with JESD51-5.
At TA = –40°C to +85°C, unless otherwise noted.
TLC5952
PARAMETER
MIN
NOM
MAX
UNIT
DC CHARACTERISTICS: VCC = 3 V to 5.5 V
VCC
Supply voltage
3.0
5.5
V
OUTR0-OUTR7, OUTG0-OUTG7,
VO
Voltage applied to output
15
V
OUTB0-OUTB7
VIH
High level input voltage
SIN, SCLK, LAT, BLANK
0.7 × VCC
VCC
V
VIL
Low level input voltage
SIN, SCLK, LAT, BLANK
GND
0.3 × VCC
V
IOH
High level output current
SOUT
–1
mA
IOL
Low level output current
SOUT
1
mA
OUTR0-OUTR7, OUTG0-OUTG7
35
mA
IOLC
Constant output sink current
OUTB0-OUTB7
26.2
mA
Operating free-air
TA
–40
+85
°C
temperature
Operating junction
TJ
–40
+125
°C
temperature
AC CHARACTERISTICS, VCC = 3 V to 5.5 V
fCLK (SCLK)
Data shift clock frequency
SCLK
35
MHz
TWH0
SCLK
10
ns
TWL0
SCLK
10
ns
TWH1
Pulse duration
LAT
15
ns
TWH2
BLANK
15
ns
TWL2
BLANK
15
ns
TSU0
SIN – SCLK
4
ns
Setup time
TSU1
LAT
↑ – SCLK↑
150
ns
TH0
SIN – SCLK
3
ns
Hold time
TH1
LAT
↑ – SCLK↑
10
ns
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC5952


Similar Part No. - TLC5952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951 TI1-TLC5951 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951DAP TI1-TLC5951DAP Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951DAPR TI1-TLC5951DAPR Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
More results

Similar Description - TLC5952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5954 TI1-TLC5954 Datasheet
1Mb / 45P
[Old version datasheet]   TLC5954 48-Channel, Constant-Current LED Driver with Global Brightness Control, LED Open-Short Detection, and Power-Save Mode
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com