Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5952DAP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5952DAP
Description  24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5952DAP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5952DAP Datasheet HTML 5Page - Texas Instruments TLC5952DAP Datasheet HTML 6Page - Texas Instruments TLC5952DAP Datasheet HTML 7Page - Texas Instruments TLC5952DAP Datasheet HTML 8Page - Texas Instruments TLC5952DAP Datasheet HTML 9Page - Texas Instruments TLC5952DAP Datasheet HTML 10Page - Texas Instruments TLC5952DAP Datasheet HTML 11Page - Texas Instruments TLC5952DAP Datasheet HTML 12Page - Texas Instruments TLC5952DAP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TLC5952
www.ti.com........................................................................................................................................................................................................ SBVS129 – MAY 2009
TERMINAL FUNCTIONS
TERMINAL
NO.
NAME
DAP
RHB(1)
I/O
DESCRIPTION
SIN
2
22
I
Serial data input for the 25-bit common shift register
Serial data shift clock. Data present on SIN are shifted to the LSB of the common
shift register with the rising edge of SCLK. Data in the shift register are shifted
SCLK
3
23
I
toward the MSB at each rising edge of SCLK. The MSB data of the common shift
register appear on SOUT.
Edge triggered latch. The rising edge of LAT latches the data from the common
LAT
4
24
I
shift register into the output on/off data latch. See the Output On/Off Data Latch
section for more details.
All outputs are blank. When BLANK is high, all constant-current outputs
(OUTR0-OUTR7, OUTG0-OUTG7, and OUTB0-OUTB7) are forced off. When
BLANK
29
17
I
BLANK is low, all constant current outputs are controlled by the on/off control data
in the data latch.
Reference current terminal. The maximum current for the outputs OUTR0-OUTR7,
IREF
32
20
I/O
OUTG0-OUTG7, and OUTB0-OUTB7 is set with a resistor from IREF to GND.
Serial data output. The MSB of the 25-bit common shift register is shifted out at the
SOUT
30
18
O
rising edge of SCLK.
Constant-current outputs for the RED LED group.
5, 8, 11, 14,
2, 5, 8, 11,
Multiple outputs can be configured in parallel to increase the constant-current
OUTR0-
17, 20, 23,
14, 25, 28,
O
capability. Different voltages can be applied to each output. These outputs are
OUTR7
26
31
turned on/off by the BLANK signal and the data in the output on/off control data
latch.
Constant-current outputs for the GREEN LED group.
6, 9, 12, 15,
3, 6, 9, 12,
Multiple outputs can be configured in parallel to increase the constant-current
OUTG0-
18, 21, 24,
15, 26, 29,
O
capability. Different voltages can be applied to each output. These outputs are
OUTG7
27
32
turned on/off by the BLANK signal and the data in the output on/off control data
latch.
Constant-current outputs for the BLUE LED group.
7, 10, 13,
1, 4, 7, 10,
Multiple outputs can be configured in parallel to increase the constant-current
OUTB0-
16, 19, 22,
13, 16, 27,
O
capability. Different voltages can be applied to each output. These outputs are
OUTB7
25, 28
30
turned on/off by the BLANK signal and the data in the output on/off control data
latch.
VCC
31
19
Power-supply voltage
GND
1
21
Power ground
(1)
Product preview device.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLC5952


Similar Part No. - TLC5952DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951 TI1-TLC5951 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951DAP TI1-TLC5951DAP Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951DAPR TI1-TLC5951DAPR Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
More results

Similar Description - TLC5952DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5954 TI1-TLC5954 Datasheet
1Mb / 45P
[Old version datasheet]   TLC5954 48-Channel, Constant-Current LED Driver with Global Brightness Control, LED Open-Short Detection, and Power-Save Mode
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com