Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC36 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV320AIC36
Description  Low Power Stereo Audio Codec With Embedded miniDSP
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC36 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC36 Datasheet HTML 4Page - Texas Instruments TLV320AIC36 Datasheet HTML 5Page - Texas Instruments TLV320AIC36 Datasheet HTML 6Page - Texas Instruments TLV320AIC36 Datasheet HTML 7Page - Texas Instruments TLV320AIC36 Datasheet HTML 8Page - Texas Instruments TLV320AIC36 Datasheet HTML 9Page - Texas Instruments TLV320AIC36 Datasheet HTML 10Page - Texas Instruments TLV320AIC36 Datasheet HTML 11Page - Texas Instruments TLV320AIC36 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 160 page
background image
3.4
Electrical Characteristics – DAC Channel
TLV320AIC36
Low Power Stereo Audio Codec With Embedded miniDSP
SBAS387 – MAY 2009
www.ti.com
At 25
°C, AVDD AVDD_REG=AVDD_CP = 2.5 V, IOVDD = 3.3 V, DVDD = 1.8 V, Fs = 48-kHz, 16-bit audio data (unless
otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INTERPOLATION FILTER(1)
Passband
High-pass filter disabled
0.45
×Fs
Hz
Passband ripple
High-pass filter disabled
0.06
dB
Transition band
0.45
×Fs
0.55
×Fs
Hz
Stopband
0.55
×Fs
7.5
×Fs
Hz
Stopband attenuation
65
dB
Group delay
21/Fs
sec
LINE OUTPUTS AT LOAD = 10 k
Ω, 50 pF DIFFERENTIAL
Full-scale output voltage
0 dB gain
1.414
VRMS
Maximum output level gain setting
9
dB
Output level gain setting step
1
dB
Signal-to-noise ratio(2)
0 dB gain, A-weighted, Full-scale output at 1-kHz
90
102
dB
Dynamic range
0 dB gain, A-weighted, –60 dB input at 1 kHz
100
dB
Total harmonic distortion
0 dB gain, Full-scale output at 1 kHz
–94
–75
dB
< 1 kHz
90
PSRR
dB
10 kHz
70
Channel separation
0 dB gain, Full-scale input at 1 kHz
–100
dB
Gain mismatch
0.1
dB
Gain error
–0.4
dB
RECEIVER AND HEADPHONE OUTPUTS(3)
Full-scale output voltage
0 dB gain
0.707
VRMS
Full-scale output power
0 dB gain, full-scale output at 1 kHz, 16
Ω load
31
mW
Maximum output level gain setting
9
dB
Output level gain setting step
1
dB
Signal-to-noise ratio(2)
0 dB gain, A-weighted, Full-scale output at 1 kHz
98
dB
0 dB gain, full-scale output at 1 kHz, 32
Ω load
–90
0 dB gain, –3 dB output at 1 kHz, 32
Ω load
–95
Total harmonic distortion
dB
0 dB gain, full-scale output at 1 kHz, 16
Ω load
–86
–75
0 dB gain, –3 dB output at 1 kHz, 16
Ω load
–90
< 1 kHz
90
PSRR
dB
10 kHz
70
Channel separation
2 dB gain, full-scale output at 1 kHz
–90
dB
Mute attenuation
1 kHz output
107
dB
(1)
Default filter configuration
(2)
Ratio of output level with 1-kHz full-scale sine wave input, to the output level playing an all-zero signal, measured A-weighted over a
20-Hz to 20-kHz bandwidth using an audio analyzer.
(3)
Measurements performed with stereo signals out of phase.
ELECTRICAL SPECIFICATIONS
8
Submit Documentation Feedback


Similar Part No. - TLV320AIC36

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC36 TI1-TLV320AIC36 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
More results

Similar Description - TLV320AIC36

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com