Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS60-60000-LD5VC Datasheet(PDF) 10 Page - ASM GmbH

Part # WS60-60000-LD5VC
Description  absolute or incremental encoder output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS60-60000-LD5VC Datasheet(HTML) 10 Page - ASM GmbH

Back Button WS60-60000-LD5VC Datasheet HTML 4Page - ASM GmbH WS60-60000-LD5VC Datasheet HTML 5Page - ASM GmbH WS60-60000-LD5VC Datasheet HTML 6Page - ASM GmbH WS60-60000-LD5VC Datasheet HTML 7Page - ASM GmbH WS60-60000-LD5VC Datasheet HTML 8Page - ASM GmbH WS60-60000-LD5VC Datasheet HTML 9Page - ASM GmbH WS60-60000-LD5VC Datasheet HTML 10Page - ASM GmbH WS60-60000-LD5VC Datasheet HTML 11Page - ASM GmbH WS60-60000-LD5VC Datasheet HTML 12Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ASM
CAT-WS-E-05
69
www.asm-sensor.com
Interface HINT
Absolute Encoder
Interbus
Excitation voltage
10 … 30 V
Excitation current
250 mA
Interface
Interbus, ENCOM Profile K3 (progrmmable), K2
Output code
Binary 32 bit
Baud rate
500 kBaud
Data refresh
Every 600 µs
Resolution
12 (10 … 12) + 12 bit
Programmability
Direction, preset, offset, resolution
Connection
Bus cover with T-manifold
EMC
EN 50081-2, 50082-2
Data format
Interbus K2
Differential signals (RS485)
ENCOM profile K3, K2, 32 bit,
binary process data
DT format
Sµpi address 0123
(according to the Phoenix company)
Byte no.
3210
ID code K2
36 H (= 54 dec.)
ID code K3
37 H (= 55 dec.)
Signal wiring /
connection
Signal names
Cable terminal no. (bus cover)
UB +
1
GND
2
DI1
3
DI1
4
DO1
5
DO1
6
DO2
7
DO2
8
DI2
9
DI2
10
RBST
11
GND
12
Output Specification for
absolute encoders with Interbus interface


Similar Part No. - WS60-60000-LD5VC

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
WS62256LLFP WINGS-WS62256LLFP Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
WS62256LLP WINGS-WS62256LLP Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
List of Unclassifed Man...
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
WS6264LLFP ETC1-WS6264LLFP Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
More results

Similar Description - WS60-60000-LD5VC

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.0 ASM-SENSOR-WS7.0 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
   Position Sensor with Absolute or Incremental Encoder
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
   Absolute Encoder Output
WS58C ASM-SENSOR-WS58C Datasheet
391Kb / 3P
   Absolute Encoder Output
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
   Absolute encoder / absolute code output
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
   Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
   incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
   INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
   INCREMENTAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com