Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C6746ZWTA3 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMX320C6746ZWTA3
Description  Fixed/Floating-Point DSP
Download  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6746ZWTA3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMX320C6746ZWTA3 Datasheet HTML 2Page - Texas Instruments TMX320C6746ZWTA3 Datasheet HTML 3Page - Texas Instruments TMX320C6746ZWTA3 Datasheet HTML 4Page - Texas Instruments TMX320C6746ZWTA3 Datasheet HTML 5Page - Texas Instruments TMX320C6746ZWTA3 Datasheet HTML 6Page - Texas Instruments TMX320C6746ZWTA3 Datasheet HTML 7Page - Texas Instruments TMX320C6746ZWTA3 Datasheet HTML 8Page - Texas Instruments TMX320C6746ZWTA3 Datasheet HTML 9Page - Texas Instruments TMX320C6746ZWTA3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 216 page
background image
Contents
TMS320C6746 Fixed/Floating-Point DSP
SPRS591 – JUNE 2009
www.ti.com
1
TMS320C6746 Fixed/Floating-Point DSP
........... 1
6.5
Crystal Oscillator or External Clock Input
........... 62
1.1
Features
.............................................. 1
6.6
Clock PLLs
.......................................... 63
1.2
Trademarks
........................................... 3
6.7
Interrupts
............................................ 67
1.3
Description
............................................ 4
6.8
Power and Sleep Controller (PSC)
.................. 73
1.4
Functional Block Diagram
............................ 5
6.9
EDMA
............................................... 78
2
Revision History
......................................... 7
6.10
External Memory Interface A (EMIFA)
.............. 84
3
Device Overview
......................................... 8
6.11
DDR2/mDDR Controller
............................. 93
3.1
Documentation Support
.............................. 8
6.12
MMC / SD / SDIO (MMCSD0, MMCSD1)
......... 106
3.2
Device Characteristics
................................ 8
6.13
Multichannel Audio Serial Port (McASP)
.......... 109
3.3
Device Compatibility
................................. 10
6.14
Multichannel Buffered Serial Port (McBSP)
........ 118
3.4
DSP Subsystem
..................................... 11
6.15
Serial Peripheral Interface Ports (SPI0, SPI1)
..... 128
3.5
Memory Map Summary
............................. 17
6.16
Inter-Integrated Circuit Serial Ports (I2C)
.......... 154
6.17
Universal Asynchronous Receiver/Transmitter
3.6
Pin Assignments
.................................... 20
(UART)
............................................. 158
3.7
Pin Multiplexing Control
............................. 23
6.18
Universal Serial Bus OTG Controller (USB0)
3.8
Terminal Functions
.................................. 24
[USB2.0 OTG]
..................................... 160
4
Device Configuration
.................................. 50
6.19
Ethernet Media Access Controller (EMAC)
........ 167
4.1
Boot Modes
......................................... 50
6.20
Management Data Input/Output (MDIO)
........... 175
4.2
SYSCFG Module
.................................... 50
6.21
Host-Port Interface (UHPI)
......................... 177
5
Device Operating Conditions
........................ 53
6.22
Video Port Interface (VPIF)
........................ 185
5.1
Absolute Maximum Ratings Over Operating
6.23
Enhanced Capture (eCAP) Peripheral
............. 191
Junction Temperature Range
6.24
Enhanced High-Resolution Pulse-Width Modulator
(Unless Otherwise Noted)
................................. 53
(eHRPWM)
......................................... 194
5.2
Recommended Operating Conditions
............... 54
6.25
Timers
.............................................. 199
5.3
Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Junction
6.26
Real Time Clock (RTC)
............................ 201
Temperature (Unless Otherwise Noted)
............ 56
6.27
General-Purpose Input/Output (GPIO)
............. 204
6
Peripheral Information and Electrical
6.28
Emulation Logic
.................................... 208
Specifications
........................................... 57
7
Mechanical Packaging and Orderable
6.1
Parameter Information
.............................. 57
Information
............................................. 210
6.2
Recommended Clock and Control Signal Transition
7.1
Device Support
..................................... 210
Behavior
............................................. 58
7.2
Thermal Data for ZCE Package
................... 212
6.3
Power Supplies
...................................... 58
7.3
Thermal Data for ZWT Package
................... 213
6.4
Reset
................................................ 59
Contents
6
Submit Documentation Feedback


Similar Part No. - TMX320C6746ZWTA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6746ZWT TI1-TMX320C6746ZWT Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results

Similar Description - TMX320C6746ZWTA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6742 TI1-TMS320C6742_16 Datasheet
1Mb / 187P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_18 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com