Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS7.0-15000-1 Datasheet(PDF) 2 Page - ASM GmbH

Part # WS7.0-15000-1
Description  Absolute or Incremental Encoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.0-15000-1 Datasheet(HTML) 2 Page - ASM GmbH

  WS7.0-15000-1 Datasheet HTML 1Page - ASM GmbH WS7.0-15000-1 Datasheet HTML 2Page - ASM GmbH WS7.0-15000-1 Datasheet HTML 3Page - ASM GmbH WS7.0-15000-1 Datasheet HTML 4Page - ASM GmbH WS7.0-15000-1 Datasheet HTML 5Page - ASM GmbH WS7.0-15000-1 Datasheet HTML 6Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ASM
CAT-POS-E-2001
59
Cable Forces
typical at 20 °C
Range
[mm]
[in]
Maximum Pull-out Force
[N]
Minimum Pull-in Force
[N]
3750 - 147.6 -
30000 1181.1
8.0
4.2
40000
1574.8
7.0
3.4
WS7.0 Position Sensor
with Absolute or Incremental Encoder
For guaranteed dimensions consult factory
Outline drawing


Similar Part No. - WS7.0-15000-1

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
   analog or SSI output
WS7.5-10000-10V-L05 ASM-SENSOR-WS7.5-10000-10V-L05 Datasheet
668Kb / 17P
   analog or SSI output
WS7.5-10000-10V-L10 ASM-SENSOR-WS7.5-10000-10V-L10 Datasheet
668Kb / 17P
   analog or SSI output
WS7.5-10000-10V-L25 ASM-SENSOR-WS7.5-10000-10V-L25 Datasheet
668Kb / 17P
   analog or SSI output
WS7.5-10000-420A-L05 ASM-SENSOR-WS7.5-10000-420A-L05 Datasheet
668Kb / 17P
   analog or SSI output
More results

Similar Description - WS7.0-15000-1

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS60 ASM-SENSOR-WS60 Datasheet
481Kb / 12P
   absolute or incremental encoder output
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
   Position Sensor with Absolute or Incremental Encoder
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
   Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
   incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
   INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
   INCREMENTAL ENCODER
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
   incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
   Incremental Encoder
logo
TRINAMIC Motion Control...
TMC4330A TRINAMIC-TMC4330A Datasheet
3Mb / 166P
   Encoder interface for incremental or serial encoders.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com