Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS12-2000-10V-L10- Datasheet(PDF) 3 Page - ASM GmbH

Part # WS12-2000-10V-L10-
Description  analog output Dust explosion-proof
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS12-2000-10V-L10- Datasheet(HTML) 3 Page - ASM GmbH

  WS12-2000-10V-L10- Datasheet HTML 1Page - ASM GmbH WS12-2000-10V-L10- Datasheet HTML 2Page - ASM GmbH WS12-2000-10V-L10- Datasheet HTML 3Page - ASM GmbH WS12-2000-10V-L10- Datasheet HTML 4Page - ASM GmbH WS12-2000-10V-L10- Datasheet HTML 5Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ASM
CAT-WS-E-05
57
www.asm-sensor.com
Output Specifications
R1K and 10V for WS position sensors
Voltage divider R1K
Potentiometer
Excitation Voltage
32 VDC max. at 1 k
W (input power 1 W max.)
Potentiometer Impedance
1k
W±10%
Thermal coefficient
±25 x 10
-6/ °C full scale
Sensitivity
Depends on measurement range, individual
sensitivity of sensor specified on label
Voltage Divider Utilization Range
Approx. 3% ... 97% of full range
Operating Temperature
-20 ... +85 °C
Signal conditioner 10V
Voltage output
Excitation Voltage
+18 ... +27 V DC non stabilized
Excitation Current
20 mA max.
Output Voltage
0 ... +10 V DC
Output Current
2 mA max.
Output Load
>5k
W
Stability (Temperature)
±50 x 10
-6 / °C full scale
Protection
Reverse polarity, short circuit
Output Noise
0,5 mVRMS
Operating Temperature
-20 ... +85 °C
EMC
According to EN 61326:2004
Signal Wiring
Output signals
R1K
10V
Cable color
Connector
pin no.
+ Vin
Excitation +
White
1
GND
Excitation GND
Brown
2
+ Vout
Signal +
Green
3
Signal GND
Yellow
4
View to solder
terminals
Note: The potentiometer must be connected
as a voltage divider. The input impedance of
the following processing circuit should be 10
M
W min.
Signal diagram
Signal diagram
+ Vout
+ Vin
GND
Excitation GND
Excitation +
Signal GND
Signal +
Connection
Mating Connector
10V
0...10 V
CONN-DIN-8F-W
CONN-M12-8F-G


Similar Part No. - WS12-2000-10V-L10-

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS12-2000-10V-L10- ASM-SENSOR-WS12-2000-10V-L10- Datasheet
349Kb / 10P
   analog or SSI output
More results

Similar Description - WS12-2000-10V-L10-

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS10EX ASM-SENSOR-WS10EX Datasheet
274Kb / 5P
   analog output Dust explosion-proof
WS100 ASM-SENSOR-WS100 Datasheet
580Kb / 8P
   analog output Explosion-proof
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
   Explosion-Proof
440K-H11145 ALLEN-BRADLEY-440K-H11145 Datasheet
59Kb / 2P
   Explosion Proof
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
   Explosion Proof Flow Switch
logo
Systemsensor advanced i...
OSYEXP SYSTEMSENSOR-OSYEXP Datasheet
118Kb / 2P
   Explosion Proof Supervisory Switch
logo
STEGO Elektrotechnik Gm...
CREX020-T3 STEGO-CREX020-T3 Datasheet
280Kb / 1P
   EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
   Explosion-Proof Pull Station
logo
Systemsensor advanced i...
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
   Explosion Proof Waterflow Detector
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
   Explosion Proof Waterflow Detector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com