Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS60-60000-PP24VC Datasheet(PDF) 7 Page - ASM GmbH

Part # WS60-60000-PP24VC
Description  absolute or incremental encoder output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS60-60000-PP24VC Datasheet(HTML) 7 Page - ASM GmbH

Back Button WS60-60000-PP24VC Datasheet HTML 3Page - ASM GmbH WS60-60000-PP24VC Datasheet HTML 4Page - ASM GmbH WS60-60000-PP24VC Datasheet HTML 5Page - ASM GmbH WS60-60000-PP24VC Datasheet HTML 6Page - ASM GmbH WS60-60000-PP24VC Datasheet HTML 7Page - ASM GmbH WS60-60000-PP24VC Datasheet HTML 8Page - ASM GmbH WS60-60000-PP24VC Datasheet HTML 9Page - ASM GmbH WS60-60000-PP24VC Datasheet HTML 10Page - ASM GmbH WS60-60000-PP24VC Datasheet HTML 11Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
66
CAT-WS-E-05
ASM
www.asm-sensor.com
Programmable Signal
Conditioner HSSIP
Absolute Encoder
synchronous serial
Excitation voltage
10 … 30 V DC
Excitation current
250 mA
Interface
SSI programmable
Lines/drivers
Clock and data / RS-422
Code
Binary or Gray, programmable
Resolution
13 (9 … 20 bit) + 12 bit
Format
MSB justified or fir tree
Programmability
Resolution, code, rotating direction, format,
warning, alarm
Control input
Direction, Preset1, Preset2
Reset button under housing cover
Lockable by programming
Alarm output
Alarm bit (SSI option), warning bit
Status LED
Green = ok, red = alarm
Connection
Cable or male socket 12 pin
Note:
Extension of the cable length will reduce the
maximum transmission rate.
The signals CLOCK/CLOCK and DATA/DATA
must be connected in a twisted pair cable,
shielded per pair and common.
Transmission rate
Cable length
Baud rate
< 50 m
< 400 kHz
< 100 m
< 300 kHz
< 200 m
< 200 kHz
< 400 m
< 100 kHz
Signal Wiring /
Connection
Signal names
Color
CONN-CONIN-12F
Excitation +
white *
11
Excitation GND (0V)
brown *
12
CLOCK
yellow
2
CLOCK
green
1
DATA
pink
3
DATA
grey
4
Direction
blue
8
0 V signal output
black
7
RS-232 TxD
brown
5
RS-232 RxD
white
6
Preset 1
red
9
Preset 2
violet
10
* = larger width 0,5 mm
2
CONN-CONIN-12F-G
Connection
Mating Connector
Output Specification for
absolute encoders
with programmable SSI interface


Similar Part No. - WS60-60000-PP24VC

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
WS62256LLFP WINGS-WS62256LLFP Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
WS62256LLP WINGS-WS62256LLP Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
List of Unclassifed Man...
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
WS6264LLFP ETC1-WS6264LLFP Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
More results

Similar Description - WS60-60000-PP24VC

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.0 ASM-SENSOR-WS7.0 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
   Position Sensor with Absolute or Incremental Encoder
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
   Absolute Encoder Output
WS58C ASM-SENSOR-WS58C Datasheet
391Kb / 3P
   Absolute Encoder Output
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
   Absolute encoder / absolute code output
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
   Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
   incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
   INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
   INCREMENTAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com