Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C6748ZWTA3 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMX320C6748ZWTA3
Description  Fixed/Floating-Point DSP
Download  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6748ZWTA3 Datasheet(HTML) 2 Page - Texas Instruments

  TMX320C6748ZWTA3 Datasheet HTML 1Page - Texas Instruments TMX320C6748ZWTA3 Datasheet HTML 2Page - Texas Instruments TMX320C6748ZWTA3 Datasheet HTML 3Page - Texas Instruments TMX320C6748ZWTA3 Datasheet HTML 4Page - Texas Instruments TMX320C6748ZWTA3 Datasheet HTML 5Page - Texas Instruments TMX320C6748ZWTA3 Datasheet HTML 6Page - Texas Instruments TMX320C6748ZWTA3 Datasheet HTML 7Page - Texas Instruments TMX320C6748ZWTA3 Datasheet HTML 8Page - Texas Instruments TMX320C6748ZWTA3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 242 page
background image
TMS320C6748 Fixed/Floating-Point DSP
SPRS590 – JUNE 2009
www.ti.com
Supports Multiple Interfaces with START,
• USB 2.0 OTG Port With Integrated PHY (USB0)
ENABLE and WAIT Controls
USB 2.0 High-/Full-Speed Client
• Serial ATA (SATA) Controller:
USB 2.0 High-/Full-/Low-Speed Host
Supports SATA I (1.5 Gbps) and SATA II
End Point 0 (Control)
(3.0 Gbps)
End Points 1,2,3,4 (Control, Bulk, Interrupt
Supports all SATA Power Management
or ISOC) Rx and Tx
Features
• One Multichannel Audio Serial Port:
Hardware-Assisted Native Command
Transmit/Receive Clocks up to 50 MHz
Queueing (NCQ) for up to 32 Entries
Two Clock Zones and 16 Serial Data Pins
Supports Port Multiplier and
Supports TDM, I2S, and Similar Formats
Command-Based Switching
DIT-Capable
• Real-Time Clock With 32 KHz Oscillator and
FIFO buffers for Transmit and Receive
Separate Power Rail
• Two Multichannel Buffered Serial Ports:
• Three 64-Bit General-Purpose Timers
Transmit/Receive Clocks up to 50 MHz
(Configurable as Two 32-Bit Timers)
Two Clock Zones and 16 Serial Data Pins
• One 64-Bit General-Purpose Timer (Watch
Supports TDM, I2S, and Similar Formats
Dog)
AC97 Audio Codec Interface
• Two Enhanced Pulse Width Modulators
Telecom Interfaces (ST-Bus, H100)
(eHRPWM):
128-channel TDM
Dedicated 16-Bit Time-Base Counter With
FIFO buffers for Transmit and Receive
Period And Frequency Control
• 10/100 Mb/s Ethernet MAC (EMAC):
6 Single Edge, 6 Dual Edge Symmetric or 3
IEEE 802.3 Compliant
Dual Edge Asymmetric Outputs
MII Media Independent Interface
Dead-Band Generation
RMII Reduced Media Independent Interface
PWM Chopping by High-Frequency Carrier
Management Data I/O (MDIO) Module
Trip Zone Input
• Video Port Interface (VPIF):
• Three 32-Bit Enhanced Capture Modules
Two 8-bit SD (BT.656), Single 16-bit or
(eCAP):
Single Raw (8-/10-/12-bit) Video Capture
Configurable as 3 Capture Inputs or 3
Channels
Auxiliary Pulse Width Modulator (APWM)
Two 8-bit SD (BT.656), Single 16-bit Video
outputs
Display Channels
Single Shot Capture of up to Four Event
Time-Stamps
• Universal Parallel Port (uPP):
High-Speed Parallel Interface to FPGAs and
• 361-Ball Pb-Free Plastic Ball Grid Array
Data Converters
(PBGA) [ZCE Suffix], 0.65-mm Ball Pitch
Data Width on Each of Two Channels is 8-
• 361-Ball Pb-Free Plastic Ball Grid Array
to 16-bit Inclusive
(PBGA) [ZWT Suffix], 0.80-mm Ball Pitch
Single Data Rate or Dual Data Rate
• Commercial or Extended Temperature
Transfers
2
TMS320C6748 Fixed/Floating-Point DSP
Submit Documentation Feedback


Similar Part No. - TMX320C6748ZWTA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6748ZWTA3 TI-TMX320C6748ZWTA3 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMX320C6748ZWTA3 TI-TMX320C6748ZWTA3 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
More results

Similar Description - TMX320C6748ZWTA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6742 TI1-TMS320C6742_16 Datasheet
1Mb / 187P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_18 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com