Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS60-15000-HPROF Datasheet(PDF) 8 Page - ASM GmbH

Part # WS60-15000-HPROF
Description  absolute or incremental encoder output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS60-15000-HPROF Datasheet(HTML) 8 Page - ASM GmbH

Back Button WS60-15000-HPROF Datasheet HTML 4Page - ASM GmbH WS60-15000-HPROF Datasheet HTML 5Page - ASM GmbH WS60-15000-HPROF Datasheet HTML 6Page - ASM GmbH WS60-15000-HPROF Datasheet HTML 7Page - ASM GmbH WS60-15000-HPROF Datasheet HTML 8Page - ASM GmbH WS60-15000-HPROF Datasheet HTML 9Page - ASM GmbH WS60-15000-HPROF Datasheet HTML 10Page - ASM GmbH WS60-15000-HPROF Datasheet HTML 11Page - ASM GmbH WS60-15000-HPROF Datasheet HTML 12Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ASM
CAT-WS-E-05
67
www.asm-sensor.com
Interface HPROF
Absolute Encoder
Profibus
Excitation voltage
10 … 30 V DC
Excitation current
250 mA
Interface
RS-485
Protocol
Profibus DP with encoder profile class C2
Resolution
12 (10 … 14)+12bit
Output code
Binary
Baudrate
Automatically selected between 9,6 kBaud
and 12 MBaud
Pragrammability
Resolution, preset, direction
Integrated special functions
Velocity, acceleration, operating time
Bus terminating resistor
Selectable via DIP switch
Connection
Bus cover with T-manifold
EMC
EN61326 : class A
Signal Wiring /
Connection
Signal name
Cable terminal no. (bus cover)
UB in
1
0V in
2
UB out
3
0V out
4
Bin
5
Ain
6
B out
7
A out
8
Output Specification for
absolute encoders with Profibus interface


Similar Part No. - WS60-15000-HPROF

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
WS62256LLFP WINGS-WS62256LLFP Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
WS62256LLP WINGS-WS62256LLP Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
List of Unclassifed Man...
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
WS6264LLFP ETC1-WS6264LLFP Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
More results

Similar Description - WS60-15000-HPROF

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.0 ASM-SENSOR-WS7.0 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
   Position Sensor with Absolute or Incremental Encoder
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
   Absolute Encoder Output
WS58C ASM-SENSOR-WS58C Datasheet
391Kb / 3P
   Absolute Encoder Output
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
   Absolute encoder / absolute code output
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
   Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
   incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
   INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
   INCREMENTAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com