Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28032 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28032
Description  Piccolo Microcontrollers
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28032 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320F28032 Datasheet HTML 5Page - Texas Instruments TMS320F28032 Datasheet HTML 6Page - Texas Instruments TMS320F28032 Datasheet HTML 7Page - Texas Instruments TMS320F28032 Datasheet HTML 8Page - Texas Instruments TMS320F28032 Datasheet HTML 9Page - Texas Instruments TMS320F28032 Datasheet HTML 10Page - Texas Instruments TMS320F28032 Datasheet HTML 11Page - Texas Instruments TMS320F28032 Datasheet HTML 12Page - Texas Instruments TMS320F28032 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 127 page
background image
TMS320F28032, TMS320F28033
TMS320F28034, TMS320F28035
Piccolo Microcontrollers
www.ti.com
SPRS584A – APRIL 2009 – REVISED MAY 2009
Table 2-2. TERMINAL FUNCTIONS (continued)
TERMINAL
I/O/Z
DESCRIPTION
PN
PAG
NAME
PIN #
PIN #
VDDIO
36
29
Digital I/O and Flash Power Pin – Single Supply source when VREG is enabled
VDDIO
70
57
VSS
8
6
VSS
35
28
Digital Ground Pins
VSS
53
42
VSS
71
58
VOLTAGE REGULATOR CONTROL SIGNAL
VREGENZ
73
60
I
Internal VREG Enable/Disable – pull low to enable VREG, pull high to disable VREG
GPIO AND PERIPHERAL SIGNALS
GPIO0
69
56
I/O/Z
General purpose input/output 0
EPWM1A
O
Enhanced PWM1 Output A and HRPWM channel
GPIO1
68
55
I/O/Z
General purpose input/output 1
EPWM1B
O
Enhanced PWM1 Output B
COMP1OUT
O
Direct output of Comparator 1
GPIO2
67
54
I/O/Z
General purpose input/output 2
EPWM2A
O
Enhanced PWM2 Output A and HRPWM channel
GPIO3
66
53
I/O/Z
General purpose input/output 3
EPWM2B
O
Enhanced PWM2 Output B
SPISOMIA
I/O
SPI-A slave out, master in
COMP2OUT
O
Direct output of Comparator 2
GPIO4
63
51
I/O/Z
General purpose input/output 4
EPWM3A
O
Enhanced PWM3 output A and HRPWM channel
GPIO5
62
50
I/O/Z
General purpose input/output 5
EPWM3B
O
Enhanced PWM3 output B
SPISIMOA
I/O
SPI slave in, master out
ECAP1
I/O
Enhanced Capture input/output 1
GPIO6
50
39
I/O/Z
General purpose input/output 6
EPWM4A
O
Enhanced PWM4 output A and HRPWM channel
EPWMSYNCI
I
External ePWM sync pulse input
EPWMSYNCO
O
External ePWM sync pulse output
GPIO7
49
38
I/O/Z
General purpose input/output 7
EPWM4B
O
Enhanced PWM4 output B
SCIRXDA
I
SCI-A receive data
GPIO8
43
35
I/O/Z
General purpose input/output 8
EPWM5A
O
Enhanced PWM5 output A
ADCSOCAO
O
ADC start-of-conversion A
Submit Documentation Feedback
Hardware Features
9


Similar Part No. - TMS320F28032

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28032 TI-TMS320F28032 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28032 TI1-TMS320F28032 Datasheet
1Mb / 158P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28032 TI1-TMS320F28032 Datasheet
1Mb / 160P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28032 TI1-TMS320F28032 Datasheet
1Mb / 161P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28032 TI1-TMS320F28032 Datasheet
2Mb / 163P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28032

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com