Electronic Components Datasheet Search |
|
WS12-750-420A-L10- Datasheet(PDF) 10 Page - ASM GmbH |
|
WS12-750-420A-L10- Datasheet(HTML) 10 Page - ASM GmbH |
10 / 10 page ASM CAT-WS-E-05 63 www.asm-sensor.com Output Specification PP530 for WS position sensors Signal Conditioner PP530 Incremental Excitation Voltage +5 ... +30 VDC Excitation Current 200 mA max. Output Frequency 200 kHz max. Output Linedriver, Push-Pull, CMOS, TTL and HTL compatible Output Current 30 mA max., short circuit protection Output Voltage Depends on the excitation voltage (e.g. to obtain TTL-signals the excitation must be 5 V.) Compatible to EIA RS-422/RS-485 Stability (Temperature) ±20 x 10 -6 / K full scale (sensor mechanism) Operation Temperature -10 ... +70 °C Storage Temperature -30 ... +80 °C Transition Time Positive Edge 250 ns Transition Time Negative Edge 250 ns Protection Reverse polarity, short circuit EMC According to EN61326:2004 Signal Levels Excitation Level Ia £ 5mA Ia £ 25 mA -Ia £ 5 mA -Ia £ 25 mA 5V UaHigh >4.2 V >4.2 V >4.1 V >3.8 V 5V UaLow <0.5 V <1.2 V <0.4 V <0.4 V 24 V UaHigh >23.5 V >23.5 V >23.5 V >22.5 V 24 V UaLow <0.5 V <1.2 V <0.4 V <0.4 V Recommended Processing Circuit Excitation + Excitation GND Signal Diagram Signal A Signal B Signal A Signal B Signal Z (Reference pulse) Signal Z Signal Wiring / Connection Output signals Connector CONN-DIN-8F Excitation + 1 Excitation GND (0V) 2 Signal B (A + 90°) 3 Signal A 4 Signal B 5 Signal A 6 Signal Z (reference pulse) 7 Signal Z 8 CONN-DIN-8F-W Mating connector View to solder terminals Encoder PP530 |
Similar Part No. - WS12-750-420A-L10- |
|
Similar Description - WS12-750-420A-L10- |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |