Electronic Components Datasheet Search |
|
WS10-WS100-10V-L05-M4 Datasheet(PDF) 8 Page - ASM GmbH |
|
WS10-WS100-10V-L05-M4 Datasheet(HTML) 8 Page - ASM GmbH |
8 / 10 page 64 CAT-WS-E-05 ASM www.asm-sensor.com Output Specification ADSI16 for WS position sensors The sensing device of the ADSI is a precision potentiometer. The position information is given by an analog/digital converter output serialized as a data word. Data transmission takes place by means of the signals CLOCK and DATA. The processing unit (PLC, Micro- computer) sends pulse sequences which clock the data transmission with the required transfer rate. With the first falling edge of a pulse sequence the position of the sensor is recorded and stored. The following rising edges control the bit-by-bit A/D conversion, encoding and output of the data word. After a delay time the next new position information will be transmitted. Signal Conditioner ADSI A/D converted synchronous serial Output EIA RS-422, RS-485, short-circuit proof Excitation voltage 11 ... 27 VDC Excitation current 200 mA max. Clock frequency 70 ... 500 kHz Code Gray code, continuous progression Delay between pulse trains T=30 µs min. Resolution 16 bit (65536 counts) full scale; optional 12 bit or 14 bit Stability (temperature) ±50 x 10 -6 / °C full scale Operation temperature -20 ... +85 °C EMC According to EN 61326:2004 Recommended Processing Input Circuit GND (0V) Sensor circuit Cable Subsequent circuit Data Format (Train of 26 Pulses) Mating connector: view to solder terminals Note: Extension of the cable length will reduce the maximum transmission rate. The signals CLOCK/CLOCK and DATA/DATA must be connected in a twisted pair cable, shielded per pair and common. Description · Resolution 16 bit, data transmission synchronous serial/SSI · Optional available with 12 bit (ADSI) or 14 bit (ADSI14) resolution · No loss of data at power-down · Easy to connect to PLC’s with SSI input circuit Signal Wiring Signal names Connector pin no. Excitation + 1 Excitation GND (0V) 2 CLOCK 3 CLOCK 4 DATA 5 DATA 6 Screen not connected CONN-M12-8F-G CONN-DIN-8F-W Transmission rate Cable length Baud rate < 50 m < 300 kHz < 100 m < 100 kHz |
Similar Part No. - WS10-WS100-10V-L05-M4 |
|
Similar Description - WS10-WS100-10V-L05-M4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |