Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS7.5-10000-ADSI16-L05 Datasheet(PDF) 11 Page - ASM GmbH

Part # WS7.5-10000-ADSI16-L05
Description  analog or SSI output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.5-10000-ADSI16-L05 Datasheet(HTML) 11 Page - ASM GmbH

Back Button WS7.5-10000-ADSI16-L05 Datasheet HTML 7Page - ASM GmbH WS7.5-10000-ADSI16-L05 Datasheet HTML 8Page - ASM GmbH WS7.5-10000-ADSI16-L05 Datasheet HTML 9Page - ASM GmbH WS7.5-10000-ADSI16-L05 Datasheet HTML 10Page - ASM GmbH WS7.5-10000-ADSI16-L05 Datasheet HTML 11Page - ASM GmbH WS7.5-10000-ADSI16-L05 Datasheet HTML 12Page - ASM GmbH WS7.5-10000-ADSI16-L05 Datasheet HTML 13Page - ASM GmbH WS7.5-10000-ADSI16-L05 Datasheet HTML 14Page - ASM GmbH WS7.5-10000-ADSI16-L05 Datasheet HTML 15Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ASM
CAT-WS-E-05
65
www.asm-sensor.com
Output Specification for
absolute encoders with SSI interface
Signal Conditioner
HSSI
Absolute Encoder
synchronous serial
Excitation voltage
10 … 30 V DC
Excitation current
100 mA
Interface
Standard SSI
Lines / drivers
Clock and data / RS-422
Code
Gray
Resolution multiturn
12 + 12 bit
3 dB cutoff frequency
500 kHz
Control input
Direction
Alarm output
Alarm bit (SSI option), warning bit
Status LED
Green = OK, red = alarm
Connection
Cable or male socket 12 pin
Data format
Resolution
Clock
T1
T2
T3
T12
T13
T21
T22
T23
T24
T25
T26
Data bits
24 bit
M11 M10 M9 …
M0
S11 …
S3
S2
S1
S0
0
Mx = multiturn bits, Sx = single turn bits
Note:
Extension of the cable length will reduce the
maximum transmission rate.
The signals CLOCK/CLOCK and DATA/DATA
must be connected in a twisted pair cable,
shielded per pair and common.
Transmission rate
Cable length
Baud rate
< 50 m
< 400 kHz
< 100 m
< 300 kHz
< 200 m
< 200 kHz
< 400 m
< 100 kHz
Signal Wiring /
Connection
Signal names
Color
Connector pin no.
Excitation +
white
8
Excitation GND (0V)
brown
1
CLOCK
yellow
3
CLOCK
green
11
DATA
pink
2
DATA
grey
10
Direction *
blue
5
0 V signal output
black
12
* Excitation+=cw increasing code,0V=cw decreasing code
CONN-CONIN-12F-G
Connection
Mating Connector


Similar Part No. - WS7.5-10000-ADSI16-L05

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.0 ASM-SENSOR-WS7.0 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-10000-1 ASM-SENSOR-WS7.0-10000-1 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-10000-10 ASM-SENSOR-WS7.0-10000-10 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-10000-5 ASM-SENSOR-WS7.0-10000-5 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-15000-1 ASM-SENSOR-WS7.0-15000-1 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
More results

Similar Description - WS7.5-10000-ADSI16-L05

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS10SG ASM-SENSOR-WS10SG Datasheet
325Kb / 10P
   analog or SSI output
WS10 ASM-SENSOR-WS10 Datasheet
379Kb / 10P
   analog or SSI output
WS12 ASM-SENSOR-WS12 Datasheet
349Kb / 10P
   analog or SSI output
WS17KT ASM-SENSOR-WS17KT Datasheet
248Kb / 8P
   analog or SSI output
WS10ZG ASM-SENSOR-WS10ZG Datasheet
508Kb / 7P
   Analog, SSI or CANopen Output
WB17KT ASM-SENSOR-WB17KT Datasheet
373Kb / 4P
   Analog, SSI or CANopen Output
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
ASM GmbH
WS2.1 ASM-SENSOR-WS2.1 Datasheet
78Kb / 4P
   Analog or A/D converted synchronous serial output
logo
Extech Instruments Corp...
382203 EXTECH-382203_15 Datasheet
204Kb / 1P
   Analog or Digital Triple Output DC Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com