Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV07950-F48V Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV07950-F48V
Description  ultra-compact, high-performance automotive CameraChip sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV07950-F48V Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV07950-F48V Datasheet HTML 1Page - OmniVision Technologies, Inc. OV07950-F48V Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The OV7950 is a highly integrated CMOS video camera
that packs a high level of functionality. It is the new
generation of advanced CMOS image sensors developed
specifically for automotive applications, performing
exceptionally well in low light conditions (<0.01 lux) and
in a wide temperature range from -40° to 105°C.
At only 1/4-inch square and using only one 3.3 volt
DC power supply, the OV7950 color sensor is ideal
for applications requiring a small footprint, low power
consumption, high-performance video camera. The
OV7950 supports NTSC composite video output and
can directly interface with an in-car LCD screen or other
device with 75 Ohm loading.
Key features of the OV7950 include a new windowing
feature which allows customers to adjust their camera
setup by moving the sensitive area of the camera in
available in
a lead-free
package
OV7950
ultra-compact, high-performance automotive
CameraChip™ sensor
either vertical or horizontal directions. This feature is
especially useful in fine tuning the viewing window and
angle of fixed position cameras, for example cameras
mounted in places where there is a chance of obstructed
view such as car bumpers.
The OV7950 image sensor is particularly well suited to
automotive applications because it features a dual
static overlay function allowing for both a dynamic and a
static visual aid layer (text or graphics) within the image.
This is especially useful for reference frames and guiding
systems in backup and parking assist cameras for cars
and trucks.
The OV7950 has completed all required AEC-Q100
Grade 2 qualifications.
NTSC product brief


Similar Part No. - OV07950-F48V

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV07950-F48V OMNIVISION-OV07950-F48V Datasheet
143Kb / 2P
   ultra-compact, high-performance automotive CameraChip sensor
More results

Similar Description - OV07950-F48V

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7950 OMNIVISION-OV7950 Datasheet
143Kb / 2P
   ultra-compact, high-performance automotive CameraChip sensor
OV07950-C10A OMNIVISION-OV07950-C10A Datasheet
148Kb / 2P
   ultra-compact, high-performance security CameraChip sensor
OV07949-C10A OMNIVISION-OV07949-C10A Datasheet
234Kb / 2P
   high-performance security CameraChip sensor
OV7949 OMNIVISION-OV7949 Datasheet
234Kb / 2P
   high-performance security CameraChip sensor
OV10823 OMNIVISION-OV10823 Datasheet
8Mb / 2P
   Ultra-High Resolution CameraChip??Sensor
OV03647-V47A OMNIVISION-OV03647-V47A Datasheet
165Kb / 2P
   high-performance 1/4-inch, 3 megapixel CameraChip sensor
OV03640-VL9A OMNIVISION-OV03640-VL9A Datasheet
167Kb / 2P
   1/4-inch, high-performance 3 Megapixel CameraChip sensor
logo
Broadcom Corporation.
AFBR-S20R1XX BOARDCOM-AFBR-S20R1XX Datasheet
351Kb / 2P
   Ultra-Compact NIR Spectrometer with Cooled High-Performance Image Sensor
logo
OmniVision Technologies...
OV10620 OMNIVISION-OV10620 Datasheet
201Kb / 2P
   color high dynamic range CameraChip sensor for high-performance security camera applications
OV02650-VL9A OMNIVISION-OV02650-VL9A Datasheet
227Kb / 2P
   ultra small 1/5 2 Megapixel CameraChip sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com