Electronic Components Datasheet Search |
|
WS10EX-125-420A-L25 Datasheet(PDF) 1 Page - ASM GmbH |
|
WS10EX-125-420A-L25 Datasheet(HTML) 1 Page - ASM GmbH |
1 / 5 page 38 CAT-WS-E-05 ASM www.asm-sensor.com Specifications Outputs Potentiometer: 1 k W Voltage: 0...10 V Current: 4...20 mA, 2 or 3 wire Material Aluminium and stainless steel. Cable: stainless steel Resolution Essentially infinite Sensing Device Precision potentiometer Connection Cable output, standard length 1.5 m Linearity Up to ±0.05 % full scale Weight 800 g max. Temperature -20 to +70°C Conformity of standards Explosion-proof DIN EN 50281:1999, category 3, zone 22 EMC DIN EN 61326:2004 Protection class of housing DIN EN 60529:2000, IP65 Shock DIN EN 60068-2-27:1993, 50 g 11 ms, 100 shocks Vibration DIN-EN 60068-2-6:1996, 20 g, 10 Hz … 2 kHz, 10 cycles Order Code WS10EX Model Name Measurement Range (in mm) 100 / 125 / 375 / 500 / 750 / 1000 / 1250 Outputs (see pages 57 and 58) R1K = Potentiometer 1 k W (other values on request) 10V = with 0 ... 10 V signal conditioner 420A = with 4 ... 20 mA signal conditioner (2 wire) 420T = with 4 ... 20 mA signal conditioner (3 wire) Linearity L10 = ±0.10 % option: L05 = ±0,05 % L25 = ±0.25 % Connection KAB1,5M = Cable output, standard length 1.5 m Cable fixing M4 = M4 cable fixing SB0 = Cable clip WS10EX Order Example: WS10EX - 1250 - 10V - L10 - KAB1,5M - M4 Model WS10EX with analog output Dust explosion-proof Analog Compact sensor for dust explosive areas · Protection class IP65 · Measurement ranges: 0 ... 100 mm to 0 ... 1250 mm · Analog output0…10V,4…20mA · Dust ex proof, category 3, zone 22 · II 3D EEx T95°C IP65 |
Similar Part No. - WS10EX-125-420A-L25 |
|
Similar Description - WS10EX-125-420A-L25 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |