Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS10ZG-500-PMU-L05 Datasheet(PDF) 4 Page - ASM GmbH

Part # WS10ZG-500-PMU-L05
Description  Analog, SSI or CANopen Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS10ZG-500-PMU-L05 Datasheet(HTML) 4 Page - ASM GmbH

  WS10ZG-500-PMU-L05 Datasheet HTML 1Page - ASM GmbH WS10ZG-500-PMU-L05 Datasheet HTML 2Page - ASM GmbH WS10ZG-500-PMU-L05 Datasheet HTML 3Page - ASM GmbH WS10ZG-500-PMU-L05 Datasheet HTML 4Page - ASM GmbH WS10ZG-500-PMU-L05 Datasheet HTML 5Page - ASM GmbH WS10ZG-500-PMU-L05 Datasheet HTML 6Page - ASM GmbH WS10ZG-500-PMU-L05 Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
58
CAT-WS-E-05
ASM
www.asm-sensor.com
Signal Conditioner
420T
Current output (3 wire)
Excitation Voltage
+18...+27 V DC non stabilized
Excitation Current
40 mA max.
Load Resistor
350
W max.
Output Current
4 ... 20 mA equivalent to 0 ... 100% range
Stability (Temperature)
±50 x 10
-6 / °C full scale
Protection
Reverse polarity, short circuit
Output Noise
0.5 mVRMS
Operating Temperature
-20 ... +85 °C
EMC
According to EN 61326:2004
Signal conditioner
420A
Current output (2 wire)
Excitation Voltage
+12 ... 27 VDC non stabilized, measured at the
sensor terminals
Excitation Current
35 mA max.
Output Current
4 ... 20 mA equivalent to 0 ... 100% range
Stability (Temperature)
±100 x 10
-6 / °C full scale
Protection
Reverse polarity, short circuit
Output Noise
0.5 mVRMS
Operating Temperature
-20 ... +85 °C
EMC
According to EN 61326:2004
Signal Wiring
Output signals
420A
420T
Cable color
Connector
pin no.
Signal +
Excitation +
White
1
Signal –
Excitation GND
Brown
2
Signal +
Green
3
View to solder
terminals
Connection
Mating Connector
Signal +
Signal –
420A
4...20 mA
420T
4...20 mA
Excitation +
Signal +
Excitation GND
Signal Diagram
Signal diagram
CONN-DIN-8F-W
CONN-M12-8F-G
Output Specifications
420A and 420T for WS position sensors


Similar Part No. - WS10ZG-500-PMU-L05

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS10 ASM-SENSOR-WS10 Datasheet
379Kb / 10P
   analog or SSI output
WS10-100-10V ASM-SENSOR-WS10-100-10V Datasheet
379Kb / 10P
   analog or SSI output
WS10-100-420A ASM-SENSOR-WS10-100-420A Datasheet
379Kb / 10P
   analog or SSI output
WS10-100-420T ASM-SENSOR-WS10-100-420T Datasheet
379Kb / 10P
   analog or SSI output
WS10-100-ADSI16 ASM-SENSOR-WS10-100-ADSI16 Datasheet
379Kb / 10P
   analog or SSI output
More results

Similar Description - WS10ZG-500-PMU-L05

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WB17KT ASM-SENSOR-WB17KT Datasheet
373Kb / 4P
   Analog, SSI or CANopen Output
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
   analog or SSI output
WS10SG ASM-SENSOR-WS10SG Datasheet
325Kb / 10P
   analog or SSI output
WS10 ASM-SENSOR-WS10 Datasheet
379Kb / 10P
   analog or SSI output
WS12 ASM-SENSOR-WS12 Datasheet
349Kb / 10P
   analog or SSI output
WS17KT ASM-SENSOR-WS17KT Datasheet
248Kb / 8P
   analog or SSI output
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
TE Connectivity Ltd
SKH TEC-SKH Datasheet
527Kb / 8P
   Cable Actuated Sensor CANOpen Output Signal
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
ASM GmbH
WS2.1 ASM-SENSOR-WS2.1 Datasheet
78Kb / 4P
   Analog or A/D converted synchronous serial output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com