Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP3026M Datasheet(PDF) 11 Page - Texas Instruments

Part # TVP3026M
Description  Video Interface Palette
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3026M Datasheet(HTML) 11 Page - Texas Instruments

Back Button TVP3026M Datasheet HTML 7Page - Texas Instruments TVP3026M Datasheet HTML 8Page - Texas Instruments TVP3026M Datasheet HTML 9Page - Texas Instruments TVP3026M Datasheet HTML 10Page - Texas Instruments TVP3026M Datasheet HTML 11Page - Texas Instruments TVP3026M Datasheet HTML 12Page - Texas Instruments TVP3026M Datasheet HTML 13Page - Texas Instruments TVP3026M Datasheet HTML 14Page - Texas Instruments TVP3026M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
Military Extension M
Revision
1–5
1.4
Ordering Information
TVP3026
– XXX – X AXXX
Pixel Clock Frequency Indicator
Must contain three characters:
– 175: 175-MHz pixel clock
Package
Must contain three letters:
HFG:
Ceramic, Quad Flat Pack
1.5
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AVDD
82, 86,
88, 89
Analog power. All AVDD terminals must be connected. A separate cutout in the
DVDD plane should be made for AVDD. The DVDD and AVDD planes should be
connected only at a single point through a ferrite bead close to where power enters
the board.
CLK0
109
I
Dot clock 0 TTL input. CLK0 can be selected to drive the dot clock at frequencies
up to 140 MHz. When using the VGA port, the maximum frequency is 85 MHz.
CLK0 can be selected as the latch clock for VGA data and video controls.
(power-up default).
CLK1
110
I
Dot clock 1 TTL input. CLK1 can be selected to drive the dot clock at frequencies
up to 140 MHz.
CLK2, CLK2
111, 112
I
Dual-mode dot clock input. These inputs are ECL-compatible inputs.
Alternatively, CLK2 and CLK2 may be used as individual TTL clock inputs.
Programming the clock selection register selects the chosen configuration. These
inputs may be selected as the dot clock up to the device limit while in the ECL
mode or up to 140 MHz in the TTL mode.
COMP1,
COMP2
79, 81
I
Compensation. COMP1 and COMP2 provide compensation for the internal
reference amplifier. A 0.1-
µF ceramic capacitor is required between COMP1 and
COMP2. This capacitor must be as close to the device as possible to avoid noise
pick up.
DVDD
2, 18, 40,
41, 46, 67,
120, 140
Digital power. All DVDD terminals must be connected to the digital power plane
with sufficient decoupling capacitors near the TVP3026.
D7 – D0
48 – 55
I/O
MPU interface data bus. These terminals are used to transfer data in and out of
the register map, palette RAM, and cursor RAM.
FS ADJUST
78
I
Full-scale adjustment. A resistor connected between this terminal and ground
controls the full-scale range of the DACs.
GND
17, 42, 47,
68, 71, 73,
75, 77,
83–85, 87,
121, 139,
163
Ground. All GND terminals must be connected. A common ground plane should
be used.
† All unused inputs should be tied to a logic level and not be allowed to float.


Similar Part No. - TVP3026M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3026M TI1-TVP3026M Datasheet
495Kb / 97P
[Old version datasheet]   Video Interface Palette
TVP3026M TI1-TVP3026M_12 Datasheet
495Kb / 97P
[Old version datasheet]   Video Interface Palette
More results

Similar Description - TVP3026M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3020 TI-TVP3020 Datasheet
412Kb / 98P
[Old version datasheet]   Video Interface Palette
TVP3010C TI-TVP3010C Datasheet
491Kb / 90P
[Old version datasheet]   Video Interface Palette
TVP3030 TI-TVP3030 Datasheet
501Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3010 TI1-TVP3010 Datasheet
501Kb / 91P
[Old version datasheet]   Video Interface Palette
TLC34076 TI1-TLC34076_16 Datasheet
415Kb / 69P
[Old version datasheet]   Video Interface Palette
TVP3030 TI1-TVP3030_09 Datasheet
509Kb / 107P
[Old version datasheet]   Video Interface Palette
TLC34075 TI-TLC34075 Datasheet
284Kb / 52P
[Old version datasheet]   Video Interface Palette
TVP3026M TI1-TVP3026M_12 Datasheet
495Kb / 97P
[Old version datasheet]   Video Interface Palette
TVP3026 TI-TVP3026 Datasheet
513Kb / 107P
[Old version datasheet]   Video Interface Palette
TLC34076 TI-TLC34076 Datasheet
397Kb / 68P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com