Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54325PWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54325PWP
Description  4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54325PWP Datasheet(HTML) 1 Page - Texas Instruments

  TPS54325PWP Datasheet HTML 1Page - Texas Instruments TPS54325PWP Datasheet HTML 2Page - Texas Instruments TPS54325PWP Datasheet HTML 3Page - Texas Instruments TPS54325PWP Datasheet HTML 4Page - Texas Instruments TPS54325PWP Datasheet HTML 5Page - Texas Instruments TPS54325PWP Datasheet HTML 6Page - Texas Instruments TPS54325PWP Datasheet HTML 7Page - Texas Instruments TPS54325PWP Datasheet HTML 8Page - Texas Instruments TPS54325PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
V
(50 mV / div)
OUT
I
(2 A / div)
OUT
100 s / div
µ
C4
SGND
PGND
8.42 kΩ
R1
22 kΩ
R2
SGND
C5
1 F
µ
PGND
C6
SGND
VO1
1.05 V / 3 A
C3
10 F
µ
C1
L1
1.5 H
µ
PGND
C2
0.1 F
µ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
POWERPAD
TPS54325
PWP
HTSSOP14
VO
VFB
VREG5
GND
PG
EN
VCC
VIN
VBST
SW2
SW1
PGND2
PGND1
VIN
Output
Signal
Input
Signal
SS
TPS54325
www.ti.com ................................................................................................................................................................ SLVS932A – MAY 2009 – REVISED JULY 2009
4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN
SWITCHER WITH INTEGRATED FET (SWIFT™)
23
• D-CAP2™ Mode Enables Fast Transient
Response
The TPS54325 is an adaptive on-time D-CAP2™
mode synchronous buck converter. The TPS54325
• Low Output Ripple and Allows Ceramic Output
enables system designers to complete the suite of
Capacitor
various end equipment’s power bus regulators with a
• Wide V
CC Input Voltage Range: 4.5 V to 18 V
cost effective, low component count, low standby
• Wide V
IN Input Voltage Range: 2.0 V to 18 V
current solution. The main control loop for the
TPS54325 uses the D-CAP2™ mode control which
• Output Voltage Range: 0.76 V to 5.5 V
provides a very fast transient response with no
• Highly Efficient Integrated FET’s Optimized
external components. The TPS54325 also has a
for Lower Duty Cycle Applications
proprietary circuit that enables the device to adapt to
- 120 m
Ω (High Side) and 70 mΩ (Low Side)
both low equivalent series resistance (ESR) output
• High Efficiency, less than 10 µA at shutdown
capacitors, such as POSCAP or SP-CAP, and
ultra-low
ESR
ceramic
capacitors.
The
device
• High Initial Bandgap Reference Accuracy
operates from 4.5-V to 18-V VCC input , and from
• Adjustable Soft Start
2.0-V to 18-V VIN input power supply voltage. The
• Pre-Biased Soft Start
output voltage can be programmed between 0.76 V
and 5.5 V. The device also features an adjustable
• 700-kHz Switching Frequency (f
SW)
slow start time and a power good function. The
• Cycle By Cycle Over Current Limit
TPS54325 is available in the 14 pin HTSSOP
• Power Good Output
package, and designed to operate from –40 °C to 85
°C.
• Wide Range of Applications for Low Voltage
System
Digital TV Power Supply
High Definition Blue-ray Disc™ Players
Networking Home Terminal
Digital Set Top Box (STB)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SWIFT, D-CAP2, PowerPAD are trademarks of Texas Instruments.
3
Blue-ray Disc is a trademark of Blu-ray Disc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54325PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54325PWP TI-TPS54325PWP Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325PWPR TI-TPS54325PWPR Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results

Similar Description - TPS54325PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54427 TI1-TPS54427 Datasheet
964Kb / 21P
[Old version datasheet]   4.5V to 18 V Input, 4-A Output Single Synchronous Step-Down Switcher with Integrated FET (SWIFT??
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com