Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54620RGYR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54620RGYR
Description  17V Input, 6A Output, Synchronous Step Down Switcher With Integrated FET in 3.5mm x 3.5mm Package(SWIFT??
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54620RGYR Datasheet(HTML) 3 Page - Texas Instruments

  TPS54620RGYR Datasheet HTML 1Page - Texas Instruments TPS54620RGYR Datasheet HTML 2Page - Texas Instruments TPS54620RGYR Datasheet HTML 3Page - Texas Instruments TPS54620RGYR Datasheet HTML 4Page - Texas Instruments TPS54620RGYR Datasheet HTML 5Page - Texas Instruments TPS54620RGYR Datasheet HTML 6Page - Texas Instruments TPS54620RGYR Datasheet HTML 7Page - Texas Instruments TPS54620RGYR Datasheet HTML 8Page - Texas Instruments TPS54620RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
PACKAGE DISSIPATION RATINGS
(1) (2) (3)
ELECTRICAL CHARACTERISTICS
TPS54620
www.ti.com ........................................................................................................................................................................................................ SLVS949 – MAY 2009
THERMAL IMPEDANCE
ψ
JT THERMAL CHARACTERISTIC
PACKAGE
JUNCTION TO AMBIENT
JUNCTION TO TOP
RGY
32°C/W
5°C/W
(1)
Maximum power dissipation may be limited by overcurrent protection
(2)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 150°C. This is the point where
distortion starts to substantially increase. Thermal management of the PCB should strive to keep the junction temperature at or below
150°C for best performance and long-term reliability. See power dissipation estimate in application section of this data sheet for more
information.
(3)
Test board conditions:
a. 2.5 inches × 2.5 inches, 4 layers, thickness: 0.062 inch
b. 2 oz. copper traces located on the top of the PCB
c. 2 oz. copper ground planes on the 2 internal layers and bottom layer
d. 4 thermal vias located under the device package
TJ = –40°C to 150°C, VIN = 4.5V to 17V, PVIN = 1.6V to 17V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN AND PVIN PINS)
PVIN operating input voltage
1.6
17
V
VIN operating input voltage
4.5
17
V
VIN internal UVLO threshold
VIN rising
4.0
4.5
V
VIN internal UVLO hysterisis
150
mV
VIN shutdown supply Current
EN = 0 V
2
5
µA
VIN operating – non switching supply current
VSENSE = 810 mV
600
800
µA
ENABLE AND UVLO (EN PIN)
Enable threshold
Rising
1.21
1.26
V
Enable threshold
Falling
1.10
1.17
Input current
EN = 1.1 V
1.15
µA
Hysteresis current
EN = 1.3 V
3.4
µA
VOLTAGE REFERENCE
Voltage reference
0 A
≤ Iout ≤ 6 A
0.792
0.800
0.808
V
MOSFET
High-side switch resistance
BOOT-PH = 3 V
32
60
m
High-side switch resistance(1)
BOOT-PH = 6 V
26
40
m
Low-side Switch Resistance(1)
VIN = 12 V
19
30
m
ERROR AMPLIFIER
Error amplifier Transconductance (gm)
–2
µA < ICOMP < 2 µA, V(COMP) = 1 V
1300
µMhos
Error amplifier dc gain
VSENSE = 0.8 V
1000
3100
V/V
Error amplifier source/sink
V(COMP) = 1 V, 100 mV input overdrive
±110
µA
Start switching threshold
0.25
V
COMP to Iswitch gm
16
A/V
CURRENT LIMIT
High-side switch current limit threshold
8
11
A
Low-side switch sourcing current limit
7
10
A
Low-side switch sinking current limit
2.3
A
(1)
Measured at pins
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS54620


Similar Part No. - TPS54620RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54620RGYR TI-TPS54620RGYR Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620RGYR TI1-TPS54620RGYR Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results

Similar Description - TPS54620RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54425 TI-TPS54425_15 Datasheet
1Mb / 25P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54425 TI-TPS54425_10 Datasheet
642Kb / 22P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54295 TI1-TPS54295 Datasheet
922Kb / 24P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54294 TI1-TPS54294 Datasheet
918Kb / 24P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54618-Q1 TI1-TPS54618-Q1_16 Datasheet
1Mb / 42P
[Old version datasheet]   Synchronous Step-Down SWIFT Switcher
TPS54427 TI1-TPS54427 Datasheet
964Kb / 21P
[Old version datasheet]   4.5V to 18 V Input, 4-A Output Single Synchronous Step-Down Switcher with Integrated FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com