Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61160A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61160A
Description  White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61160A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61160A Datasheet HTML 4Page - Texas Instruments TPS61160A Datasheet HTML 5Page - Texas Instruments TPS61160A Datasheet HTML 6Page - Texas Instruments TPS61160A Datasheet HTML 7Page - Texas Instruments TPS61160A Datasheet HTML 8Page - Texas Instruments TPS61160A Datasheet HTML 9Page - Texas Instruments TPS61160A Datasheet HTML 10Page - Texas Instruments TPS61160A Datasheet HTML 11Page - Texas Instruments TPS61160A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DETAILED DESCRIPTION
OPERATION
SOFT START-UP
OPEN LED PROTECTION
SHUTDOWN
CURRENT PROGRAM
I
LED +
V
FB
R
SET
(1)
TPS61160A
TPS61161A
SLVS937 – MARCH 2009................................................................................................................................................................................................... www.ti.com
The TPS61160A/61A is a high efficiency, high output voltage boost converter in small package size that is ideal
for driving up to 10 white LED in series. The serial LED connection provides even illumination by sourcing the
same output current through all LEDs, eliminating the need for expensive factory calibration. The device
integrates 40V/0.7A switch FET and operates in pulse width modulation (PWM) with 600kHz fixed switching
frequency. For operation see the block diagram. The duty cycle of the converter is set by the error amplifier
output and the current signal applied to the PWM control comparator. The control architecture is based on
traditional current-mode control; therefore, a slope compensation is added to the current signal to allow stable
operation for duty cycles larger than 50%. The feedback loop regulates the FB pin to a low reference voltage
(200mV typical), reducing the power dissipation in the current sense resistor.
Soft-start circuitry is integrated into the IC to avoid a high inrush current during start-up. After the device is
enabled, the voltage at FB pin ramps up to the reference voltage in 32 steps, each step takes 213
µs. This
ensures that the output voltage rises slowly to reduce the input current. Additionally, for the first 5msec after the
COMP voltage ramps, the current limit of the switch is set to half of the normal current limit spec. During this
period, the input current is kept below 400mA (typical). See the start-up waveform of a typical example,
Figure 10.
Open LED protection circuitry prevents IC damage as the result of white LED disconnection. The
TPS61160A/61A monitors the voltage at the SW pin and FB pin during each switching cycle. The circuitry turns
off the switch FET and shuts down the IC as soon as the SW voltage exceeds the Vovp threshold and the FB
voltage is less than half of regulation voltage for 8 clock cycles. As a result, the output voltage falls to the level of
the input supply. The device remains in shutdown mode until it is enabled by toggling the CTRL pin logic. To
allow the use of inexpensive low-voltage output capacitor, the TPS61160A/61A has different open lamp
protection thresholds to prevent the internal 40V FET from breaking down. The threshold is set at 26V for the
TPS61160A and 38V for the TPS61161A. The devices can be selected according to the number of external
LEDs and their maximum forward voltage.
The TPS61160A/61A enters shutdown mode when the CTRL voltage is logic low for more than 2.5ms. During
shutdown, the input supply current for the device is less than 1
µA (max). Although the internal FET does not
switch in shutdown, there is still a DC current path between the input and the LEDs through the inductor and
Schottky diode. The minimum forward voltage of the LED array must exceed the maximum input voltage to
ensure that the LEDs remain off in shutdown; however, in the typical application with two or more LEDs, the
forward voltage is large enough to reverse bias the Schottky and keep leakage current low.
The FB voltage is regulated by a low 0.2V reference voltage. The LED current is programmed externally using a
current-sense resistor in series with the LED string. The value of the RSET is calculated using Equation 1:
Where
ILED = output current of LEDs
VFB = regulated voltage of FB
RSET = current sense resistor
The output current tolerance depends on the FB accuracy and the current sensor resistor accuracy.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS61160A TPS61161A


Similar Part No. - TPS61160A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160ADRVR TI1-TPS61160ADRVR Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160ADRVR TI1-TPS61160ADRVR Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160ADRVT TI1-TPS61160ADRVT Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS61160A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Rohm
BD6067GU ROHM-BD6067GU_12 Datasheet
564Kb / 17P
   White LED Driver with PWM Brightness Control for up to 8 LEDs in Series
logo
Texas Instruments
TPS61161-Q1 TI1-TPS61161-Q1 Datasheet
885Kb / 25P
[Old version datasheet]   WHITE LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL FOR UP TO 10 LEDs IN SERIES
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com