Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61160A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61160A
Description  White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61160A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61160A Datasheet HTML 7Page - Texas Instruments TPS61160A Datasheet HTML 8Page - Texas Instruments TPS61160A Datasheet HTML 9Page - Texas Instruments TPS61160A Datasheet HTML 10Page - Texas Instruments TPS61160A Datasheet HTML 11Page - Texas Instruments TPS61160A Datasheet HTML 12Page - Texas Instruments TPS61160A Datasheet HTML 13Page - Texas Instruments TPS61160A Datasheet HTML 14Page - Texas Instruments TPS61160A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SCHOTTKY DIODE SELECTION
COMPENSATION CAPACITOR SELECTION
INPUT AND OUTPUT CAPACITOR SELECTION
Cout +
Vout * Vin Iout
Vout
Fs
V
ripple
(6)
V
ripple_ESR + Iout
R
ESR
TPS61160A
TPS61161A
www.ti.com................................................................................................................................................................................................... SLVS937 – MARCH 2009
TPS61160A/61A has built-in slope compensation to avoid sub-harmonic oscillation associated with current mode
control. If the inductor value is lower than 10
µH, the slope compensation may not be adequate, and the loop can
be unstable. Therefore, customers need to verify the inductor in their application if it is different from the
recommended values.
Table 1. Recommended Inductors for TPS61160A/61A
L
DCR MAX
SATURATION CURRENT
SIZE
PART NUMBER
VENDOR
(
µH)
(
Ω)
(mA)
(L × W × H mm)
LQH3NPN100NM0
10
0.3
750
3×3×1.5
Murata
VLCF5020T-220MR75-1
22
0.4
750
5×5×2.0
TDK
CDH3809/SLD
10
0.3
570
4×4×1.0
Sumida
A997AS-220M
22
0.4
510
4×4×1.8
TOKO
The high switching frequency of the TPS61160A/61A demands a high-speed rectification for optimum efficiency.
Ensure that the diode average and peak current rating exceeds the average output current and peak inductor
current. In addition, the diode’s reverse breakdown voltage must exceed the open LED protection voltage. The
ONSemi MBR0540 and the ZETEX ZHCS400 are recommended for TPS61160A/61A.
The compensation capacitor C3 (see the block diagram), connected from COMP pin to GND, is used to stabilize
the feedback loop of the TPS61160A/61A. Use a 220nF ceramic capacitor for C3.
The output capacitor is mainly selected to meet the requirements for the output ripple and loop stability. This
ripple voltage is related to the capacitor’s capacitance and its equivalent series resistance (ESR). Assuming a
capacitor with zero ESR, the minimum capacitance needed for a given ripple can be calculated by
where, Vripple = peak-to-peak output ripple. The additional output ripple component caused by ESR is calculated
using:
Due to its low ESR, Vripple_ESR can be neglected for ceramic capacitors, but must be considered if tantalum or
electrolytic capacitors are used.
Care must be taken when evaluating a ceramic capacitor’s derating under dc bias, aging and AC signal. For
example, larger form factor capacitors (in 1206 size) have a resonant frequencies in the range of the switching
frequency. So the effective capacitance is significantly lower. The DC bias can also significantly reduce
capacitance. Ceramic capacitors can loss as much as 50% of its capacitance at its rated voltage. Therefore,
leave the margin on the voltage rating to ensure adequate capacitance at the required output voltage.
The capacitor in the range of 1
µF to 4.7µF is recommended for input side. The output requires a capacitor in the
range of 0.47
µF to 10µF. The output capacitor affects the loop stability of the boost regulator. If the output
capacitor is below the range, the boost regulator can potentially become unstable. For example, if use the output
capacitor of 0.1
µF, a 470nF compensation capacitor has to be used for the loop stable.
The popular vendors for high value ceramic capacitors are:
TDK (http://www.component.tdk.com/components.php)
Murata (http://www.murata.com/cap/index.html)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS61160A TPS61161A


Similar Part No. - TPS61160A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160ADRVR TI1-TPS61160ADRVR Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160ADRVR TI1-TPS61160ADRVR Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160ADRVT TI1-TPS61160ADRVT Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS61160A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Rohm
BD6067GU ROHM-BD6067GU_12 Datasheet
564Kb / 17P
   White LED Driver with PWM Brightness Control for up to 8 LEDs in Series
logo
Texas Instruments
TPS61161-Q1 TI1-TPS61161-Q1 Datasheet
885Kb / 25P
[Old version datasheet]   WHITE LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL FOR UP TO 10 LEDs IN SERIES
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com