Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61240 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61240
Description  3.5-MHz High Efficiency Step-Up Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61240 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61240 Datasheet HTML 1Page - Texas Instruments TPS61240 Datasheet HTML 2Page - Texas Instruments TPS61240 Datasheet HTML 3Page - Texas Instruments TPS61240 Datasheet HTML 4Page - Texas Instruments TPS61240 Datasheet HTML 5Page - Texas Instruments TPS61240 Datasheet HTML 6Page - Texas Instruments TPS61240 Datasheet HTML 7Page - Texas Instruments TPS61240 Datasheet HTML 8Page - Texas Instruments TPS61240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
L
+
_
-
+
VIN
EN
Softstart
Control
Logic
Thermal
Shutdown
Undervoltage
Lockout
Current
Sense
R1
R2
Int.
Resistor
Network
VREF
GND
GND
FB
VOUT
PARAMETER MEASUREMENT INFORMATION
1
H
m
V
IN
C
IN
2.2
F
m
C
OUT
4.7
F
m
V
5V
OUT
L
V
IN
EN
V
OUT
FB
GND
TPS61240
TPS61240, TPS61241
www.ti.com .............................................................................................................................................................. SLVS806A – APRIL 2009 – REVISED MAY 2009
FUNCTIONAL BLOCK DIAGRAM
List of Components
COMPONENT
PART NUMBER
MANUFACTURER
VALUE
REFERENCE
CIN
JMK105BJ225MV
Taiyo Yuden
2.2
µF, X5R, 6.3 V, 0402
COUT
JDK105BJ475MV
Taiyo Yuden
4.7
µF, X5R, 6.3 V, 0402
L
MDT2012-CH1R0AN
TOKO
1.0
µH, 900mA, 0805
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS61240, TPS61241


Similar Part No. - TPS61240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240 TI1-TPS61240 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results

Similar Description - TPS61240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6124x 3.5-MHz High Efficiency Step-Up Converter
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com