Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61240YFF Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS61240YFF
Description  3.5-MHz High Efficiency Step-Up Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61240YFF Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61240YFF Datasheet HTML 7Page - Texas Instruments TPS61240YFF Datasheet HTML 8Page - Texas Instruments TPS61240YFF Datasheet HTML 9Page - Texas Instruments TPS61240YFF Datasheet HTML 10Page - Texas Instruments TPS61240YFF Datasheet HTML 11Page - Texas Instruments TPS61240YFF Datasheet HTML 12Page - Texas Instruments TPS61240YFF Datasheet HTML 13Page - Texas Instruments TPS61240YFF Datasheet HTML 14Page - Texas Instruments TPS61240YFF Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
f
D
L
V
I
IN
L
×
=
I
=I
VALLEY
LIM
IL
f
IPEAK
Rectifier
Current
IOUT(DC)
Inductorr
Current
Increased
LoadCurrent
IIN(DC)
IIN(DC)
CurrentLimit
Threshold
IOUT(CL)
DIL
DIL
POWER-SAVE MODE
PFMmodeatlightload
PWMmodeatheavyload
Output
Voltage
PFMrippleabout0.015xVOUT
1.006xVOUT NOM.
VOUT NOM.
UNDER-VOLTAGE LOCKOUT
INPUT OVER-VOLTAGE PROTECTION
TPS61240, TPS61241
www.ti.com .............................................................................................................................................................. SLVS806A – APRIL 2009 – REVISED MAY 2009
Figure 17. Inductor/Rectifier Currents in Current Limit Operation
The TPS6124x family of devices integrates a power save mode to improve efficiency at light load. In power save
mode the converter only operates when the output voltage trips below a set threshold voltage. It ramps up the
output voltage with several pulses and goes into power save mode once the output voltage exceeds the set
threshold voltage.
The PFM mode is left and PWM mode entered in case the output current can not longer be supported in PFM
mode.
The under voltage lockout circuit prevents the device from malfunctioning at low input voltages and from
excessive discharge of the battery. It disables the output stage of the converter once the falling VIN trips the
under-voltage lockout threshold VUVLO. The under-voltage lockout threshold VUVLO for falling VIN is typically 2.0V.
The device starts operation once the rising VIN trips under-voltage lockout threshold VUVLO again at typ. 2.1V.
In the event of an overvoltage condition appearing on the input rail, the output voltage will also experience the
overvoltage due to being in dropout condition. A input overvoltage protection feature has been implemented into
the TPS6124x which has an input overvoltage threshold of 6.0V. Once this level is triggered, the device will go
into a shutdown mode to protect itself. If the voltage drops to 5.9V or below, the device will startup once more
into normal operation.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS61240, TPS61241


Similar Part No. - TPS61240YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240 TI1-TPS61240 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results

Similar Description - TPS61240YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6124x 3.5-MHz High Efficiency Step-Up Converter
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com