Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62273 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62273
Description  2.25 MHz 400-mA Step Down Converter With Selectable VOUT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62273 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62273 Datasheet HTML 1Page - Texas Instruments TPS62273 Datasheet HTML 2Page - Texas Instruments TPS62273 Datasheet HTML 3Page - Texas Instruments TPS62273 Datasheet HTML 4Page - Texas Instruments TPS62273 Datasheet HTML 5Page - Texas Instruments TPS62273 Datasheet HTML 6Page - Texas Instruments TPS62273 Datasheet HTML 7Page - Texas Instruments TPS62273 Datasheet HTML 8Page - Texas Instruments TPS62273 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PARAMETER MEASUREMENT INFORMATION
VIN
GND
EN
FB
TPS6227XDRV
C
4.7 F
IN
m
VSEL
L
2.2 H
m
SW
C
10 F
OUT
m
V
upto400mA
OUT
VIN
High
Low
L:MIPSA2520D2R22.0
H
C
:GRM188R60J106M4.7
F
C
:GRM188R60J106M10
F
m
m
m
IN
OUT
TYPICAL CHARACTERISTICS
TPS62270, TPS62272
TPS62273
www.ti.com ........................................................................................................................................... SLVS799C – NOVEMBER 2007 – REVISED JANUARY 2009
Table of Graphs
Figure
Efficiency
vs Output Current
Figure 1
Efficiency
vs Output Current
Figure 2
Efficiency
vs Output Current
Figure 3
Output voltage
vs Output Current
Figure 4
Output Voltage
vs Output Current
Figure 5
Output Voltage
vs Output Current
Figure 6
Output Voltage
vs Output Current
Figure 7
Output Voltage
vs Output Current
Figure 8
Output Voltage
vs Output Current
Figure 9
PWM Mode Operation
Figure 10
PFM Mode Operation
Figure 11
Load Transient Response
PFM Mode
Figure 12
Load Transient Response
PFM/PWM Mode
Figure 13
Load Transient Response
PFM/PWM Mode
Figure 14
VSEL Output Voltage Response
Figure 15
Startup in 10
Ω Load
at 1.15 V Output Voltage
Figure 16
Startup in 100
Ω Load
at 0.9 V Output Voltage
Figure 17
Startup in 220
Ω Load
at 2.1 V Output Voltage
Figure 18
Startup in 220
Ω Load
at 3.3 V Output Voltage
Figure 19
Quiescent Current
vs Input Voltage
Figure 20
Shutdown Current
vs Input Voltage
Figure 21
Static Drain Source On-state Resistance
vs Input Voltage
Figure 22
Static Drain Source On-state Resistance
vs Input Voltage
Figure 23
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS62270 TPS62272 TPS62273


Similar Part No. - TPS62273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62273 TI-TPS62273 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62273DRV TI-TPS62273DRV Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62273DRVR TI-TPS62273DRVR Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62273DRVRG4 TI-TPS62273DRVRG4 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62273DRVT TI-TPS62273DRVT Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results

Similar Description - TPS62273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com