Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61097-33DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61097-33DBVT
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61097-33DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61097-33DBVT Datasheet HTML 5Page - Texas Instruments TPS61097-33DBVT Datasheet HTML 6Page - Texas Instruments TPS61097-33DBVT Datasheet HTML 7Page - Texas Instruments TPS61097-33DBVT Datasheet HTML 8Page - Texas Instruments TPS61097-33DBVT Datasheet HTML 9Page - Texas Instruments TPS61097-33DBVT Datasheet HTML 10Page - Texas Instruments TPS61097-33DBVT Datasheet HTML 11Page - Texas Instruments TPS61097-33DBVT Datasheet HTML 12Page - Texas Instruments TPS61097-33DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TYPICAL CHARACTERISTICS
0.00
0.05
0.10
0.15
0.20
0.25
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
VI – Input Voltage – V
COUT = 10 µF, ceramic
L = 10 µH
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
IO – Output Current – mA
COUT = 10 µF, ceramic
L = 10 µH
V = 3 V
IN
V = 2.5 V
IN
V = 1.8 V
IN
V = 1.5 V
IN
V = 1.2 V
IN
V = 0.9 V
IN
TPS61097
www.ti.com .............................................................................................................................................................. SLVS872A – JUNE 2009 – REVISED JULY 2009
Table 2. Table of Graphs
FIGURE
Maximum Output Current
vs Input Voltage
1
vs Output Current
2
Efficiency
vs Input Voltage
3
vs Input Voltage (Device Enabled, No Output Load, VOUT = 3.3 V)
4
Input Current
vs Input Voltage (Device Disabled, No Output Load)
5
vs Temperature
6
Startup Voltage
vs Output Current
7
vs Output Current
8
Output Voltage
vs Input Voltage
9
Output Voltage Ripple
10
Load Transient Response
11
Line Transient Response
12
Waveforms
Switching Waveform, Continuous Mode
13
Switching Waveform, Discontinuous Mode
14
Startup After Enable (VIN = 1.2 V, IOUT = 10 mA)
15
Startup After Enable (VIN = 1.8 V, IOUT = 10 mA)
16
MAXIMUM OUTPUT CURRENT
EFFICIENCY
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 1.
Figure 2.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS61097-33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097-33DBVT TI1-TPS61097-33DBVT Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
More results

Similar Description - TPS61097-33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com