Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650731RSL Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS650731RSL
Description  Single Chip Power Solution for Navigation Systems
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650731RSL Datasheet(HTML) 5 Page - Texas Instruments

  TPS650731RSL Datasheet HTML 1Page - Texas Instruments TPS650731RSL Datasheet HTML 2Page - Texas Instruments TPS650731RSL Datasheet HTML 3Page - Texas Instruments TPS650731RSL Datasheet HTML 4Page - Texas Instruments TPS650731RSL Datasheet HTML 5Page - Texas Instruments TPS650731RSL Datasheet HTML 6Page - Texas Instruments TPS650731RSL Datasheet HTML 7Page - Texas Instruments TPS650731RSL Datasheet HTML 8Page - Texas Instruments TPS650731RSL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
DCDC1 CONVERTER
DCDC2 CONVERTER
(1)
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
www.ti.com ....................................................................................................................................................................................................... SLVS950 – JULY 2009
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VVINDCDC1
Input voltage range
Connected to SYS pin
2.8
6.3
V
IO
Maximum output
600
mA
VINDCDC1 = 2.8 V
150
300
RDS(ON)
High side MOSFET on-resistance
m
VINDCDC1 = 3.5 V
120
200
ILH
High side MOSFET leakage current
VINDCDC1 = 6.3 V
2
µA
VINDCDC1 = 2.8 V
200
300
RDS(ON)
Low side MOSFET on-resistance
m
VINDCDC1 = 3.5 V
160
180
ILL
Low side MOSFET leakage current
VDS = 6.3 V
1
µA
for TPS65072, TPS65073, TPS650731,
ILIMF
Forward current limit (high and low side MOSFET)
0.8
1.1
1.5
A
TPS650732
ILIMF
Forward current limit (high and low side MOSFET)
for TPS65070
1.1
1.6
2.2
A
fS
Oscillator frequency
1.95
2.25
2.55
MHz
Fixed output voltage range
0.725
3.3
V
Internal resistor divider, I2C selectable
For TPS65070, TPS65072
3.3
Default output voltage
V
For TPS65073, TPS650731, TPS650732
1.8
Vout
VINDCDC1 = VDCDC1 +0.3 V to 6.3 V;
DC output voltage accuracy; PFM mode(1)
–2%
3%
0 mA
≤ IO ≤ 0.6 A
VINDCDC1 = VDCDC1 +0.3 V to 6.3 V;
DC output voltage accuracy; PWM mode(1)
–1.5%
1.5%
0 mA
≤ IO ≤ 0.6 A
ΔVOUT
Power save mode ripple voltage(2)
IOUT = 1 mA, PFM mode
40
mVpp
tStart
Start-up time
Ttime from active EN to Start switching
170
µs
tRamp
VOUT ramp up time
Time to ramp from 5% to 95% of VOUT
250
µs
Vo -
power good threshold
rising voltage
5%
Vo -
power good threshold
falling voltage
10%
RDIS
Internal discharge resistor at L1
–35%
250
35%
(1)
Output voltage specification does not include tolerance of external voltage programming resistors. Output voltage in PFM mode is
scaled to +1% of nominal value.
(2)
Configuration L= 2.2
µH, C
OUT = 10 µF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VVINDCDC
Input voltage range
Connected to SYS pin
2.8
6.3
V
2
TPS65072/73/731/732
600
IO
Maximum output current
Vin > 2.8 V
mA
TPS65070
1500
VINDCDC2 = 2.8 V
150
300
RDS(ON)
High side MOSFET on-resistance
m
VINDCDC2 = 3.5 V
120
200
ILH
High side MOSFET leakage current
VINDCDC2 = 6.3 V
2
µA
VINDCDC2 = 2.8 V
200
300
RDS(ON)
Low side MOSFET on-resistance
m
VINDCDC2 = 3.5 V
160
180
ILL
Low side MOSFET leakage current
VDS = 6.3 V
1
µA
TPS65072/73/731/732
Forward current limit (high- and low-side
0.8
1.1
1.5
ILIMF
2.8 V < VINDCDC2 < 6.3 V
A
MOSFET)
TPS65070
2.1
2.4
3.5
fS
Oscillator frequency
1.95
2.25
2.55
MHz
Vout
Adjustable output voltage range
External resistor divider
0.6
Vin
V
Vref
Reference voltage
600
mV
Internal resistor divider, I2C
Vout
Fixed output voltage range
0.725
3.3
V
selectable (Default setting)
(1)
Output voltage specification does not include tolerance of external voltage programming resistors. Output voltage in PFM mode is
scaled to +1% of nominal value.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS65070 TPS65073 TPS650731, TPS650732


Similar Part No. - TPS650731RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650731RSL TI-TPS650731RSL Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSL TI-TPS650731RSL Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSLR TI-TPS650731RSLR Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSLR TI-TPS650731RSLR Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSLR TI1-TPS650731RSLR Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS650731RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
SATCA-10A3C2A-GPB1 SUNTSU-SATCA-10A3C2A-GPB1 Datasheet
1Mb / 6P
   Navigation Systems
logo
Shenzhen Huazhimei Semi...
HM5669 HMSEMI-HM5669 Datasheet
386Kb / 10P
   GPS Navigation Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com