Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650731RSL Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS650731RSL
Description  Single Chip Power Solution for Navigation Systems
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650731RSL Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS650731RSL Datasheet HTML 5Page - Texas Instruments TPS650731RSL Datasheet HTML 6Page - Texas Instruments TPS650731RSL Datasheet HTML 7Page - Texas Instruments TPS650731RSL Datasheet HTML 8Page - Texas Instruments TPS650731RSL Datasheet HTML 9Page - Texas Instruments TPS650731RSL Datasheet HTML 10Page - Texas Instruments TPS650731RSL Datasheet HTML 11Page - Texas Instruments TPS650731RSL Datasheet HTML 12Page - Texas Instruments TPS650731RSL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
wLED BOOST CONVERTER
Reset, PB_IN, PB_OUT, PGood, Power_on, INT, EN_EXTLDO, EN_wLED
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
www.ti.com ....................................................................................................................................................................................................... SLVS950 – JULY 2009
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VL4
voltage at L4 pin
2.8
39
V
Vsink1,2
Input voltage at ISINK1, ISINK2 pins
16
V
VOUT
Internal overvoltage protection
35
37
39
V
Maximum boost factor (Vout/Vin)
Isink1 = Isink2 = 20 mA, Vin = 2.8 V
9
10
Tmin_off
Minimum off pulse width
70
ns
RDS(ON)
N-channel MOSFET on-resistance
VL4 = 3.6 V
0.6
N-channel MOSFET current limit
1.4
1.6
2.0
A
ILN_NFET
N-channel leakage current
VDS = 25 V, TA = 25°C
1
µA
Switching frequency
1.125
MHz
Vsink1,
Minimum voltage drop at Isink pin to GND for
400
mV
Vsink2
proper regulation
VISET
ISET pin voltage
1.24
V
Iset current = 15
µA
1000
KISET
Current multiple Iout/Iset
Iset current = 25
µA
1000
Minimum current into ISINK1, ISINK2 pins
For proper dimming (string can be disabled also)
4
mA
Isink1, Isink2
Maximum current into ISINK1, ISINK2 pins
Vin = 3.3 V
25
mA
DC current set accuracy
Isinkx = 5 mA to 25 mA; no PWM dimming
±5%
Rset1 = 50k; Isink1 = 25 mA, Vin = 3.6 V; no PWM
Current difference between Isink1 and isink2
±5%
dimming
Rset2 = 250k; Isink1 = 5 mA, Vin = 3.6 V; no PWM
Current difference between Isink1 and Isink2
±5%
dimming
PWM dimming Bit = 00
–15%
100
15%
PWM dimming Bit = 01 (default)
–15%
200
15%
fPWM
PWM dimming frequency
PWM dimming Bit = 10
–15%
500
15%
Hz
PWM dimming Bit = 11
–15%
1000
15%
Rise / fall time of PWM signal
For all PWM frequencies
2
µs
Dimming PWM DAC resolution
1%
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
–15%
20
15%
Input voltage at threshold pin rising; time
100
Reset delay time and PGOOD delay time
defined with <PGOOD DELAY0>, <PGOOD
ms
200
DELAY1>
400
PB-IN debounce time
–15%
50
15%
ms
PB_IN “Reset-detect- time”
Internal timer
–15%
15
15%
s
PGOOD low time when PB_IN = Low for >15s
–15%
0.5
15%
ms
VIH
High level input voltage on pin POWER_ON
1.2
VIN
V
VIH
High level input voltage on pin PB_IN
1.8
AVDD6
V
VIL
Low Level Input Voltage, PB_IN, Power_on
0
0.4
V
Internal pull-up resistor from PB_IN to AVDD6
50
k
Output current at AVDD6
1
mA
IIN
Input bias current at Power_on
0.01
1.0
µA
Reset, PB_OUT, PGood, INT output low voltage,
VOL
IOL = 1 mA, Vthreshold < 1 V
0.3
V
EN_EXTLDO
VOH
EN_EXTLDO HIGH level output voltage
IOH = 0.1 mA; optional push pull output
VSYS
V
IOL
Reset, PB_OUT, PGood, INT sink current
1
mA
Reset, PB_OUT, PGood, INT open drain
Reset, PB_OUT, PGood,INT output leakage current
0.25
µA
output in high impedance state
Vth
Threshold voltage at THRESHOLD pin
Input voltage falling
–4%
1
4%
V
Vth_hyst
Hysteresis on THRESHOLD pin
Input voltage rising
7
mV
Iin
Input bias current at EN_wLED, THRESHOLD
1
µA
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS65070 TPS65073 TPS650731, TPS650732


Similar Part No. - TPS650731RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650731RSL TI-TPS650731RSL Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSL TI-TPS650731RSL Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSLR TI-TPS650731RSLR Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSLR TI-TPS650731RSLR Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSLR TI1-TPS650731RSLR Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS650731RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
SATCA-10A3C2A-GPB1 SUNTSU-SATCA-10A3C2A-GPB1 Datasheet
1Mb / 6P
   Navigation Systems
logo
Shenzhen Huazhimei Semi...
HM5669 HMSEMI-HM5669 Datasheet
386Kb / 10P
   GPS Navigation Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com