Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65073RSLT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65073RSLT
Description  Single Chip Power Solution for Navigation Systems
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65073RSLT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65073RSLT Datasheet HTML 2Page - Texas Instruments TPS65073RSLT Datasheet HTML 3Page - Texas Instruments TPS65073RSLT Datasheet HTML 4Page - Texas Instruments TPS65073RSLT Datasheet HTML 5Page - Texas Instruments TPS65073RSLT Datasheet HTML 6Page - Texas Instruments TPS65073RSLT Datasheet HTML 7Page - Texas Instruments TPS65073RSLT Datasheet HTML 8Page - Texas Instruments TPS65073RSLT Datasheet HTML 9Page - Texas Instruments TPS65073RSLT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
DCDC3 CONVERTER
(1)
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
SLVS950 – JULY 2009 ....................................................................................................................................................................................................... www.ti.com
DCDC2 CONVERTER (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
For DEFDCDC2 = LOW
1.8
Default output voltage for TPS65070, TPS650732
For DEFDCDC2 = HIGH
3.3
For DEFDCDC2 = LOW
1.8
Vout
Default output voltage for TPS65072
V
For DEFDCDC2 = HIGH
2.5
For DEFDCDC2 = LOW
1.2
Default output voltage for TPS65073, TPS650731
For DEFDCDC2 = HIGH
1.8
Fixed output voltage; PFM mode
–2%
3%
VINDCDC2 = 2.8 V to 6.3 V;
Vout
–1.5
0 mA
≤ IO ≤ 1.5 A
Fixed output voltage; PWM mode
1.5%
%
Vout
DC ouptut voltage accuracy with resistor divider at DEFDCDC2; PFM
–2%
3%
VINDCDC2 = VDCDC2 +0.3 V (min
2.8 V) to 6.3 V; 0 mA
≤ IO ≤ 1.5A
Vout
DC ouptut voltage accuracy with resistor divider at DEFDCDC2; PWM
–1%
1%
ΔVOUT
Power save mode ripple voltage
IOUT = 1 mA, PFM mode
(2)
40
mVpp
Time from active EN to Start
tStart
Start-up time
170
µs
switching
Time to ramp from 5% to 95% of
tRamp
VOUT ramp up time
250
µs
VOUT
Vo -
power good threshold
rising voltage
5%
Vo -
power good threshold
falling voltage
10%
RDIS
Internal discharge resistor at L2
–35%
250
35%
(2)
Configuration L= 2.2
µH, C
OUT = 10 µF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VVINDCDC
Input voltage range
Connected to SYS pin
2.8
6.3
V
3
TPS65072
600
IO
Maximum output current
Vin > 2.8 V
mA
TPS65070, TPS65073, TPS650731,
1500
TPS650732
VINDCDC3 = 2.8 V
150
300
RDS(ON)
High side MOSFET on-resistance
m
VINDCDC3 = 3.5 V
120
200
ILH
High side MOSFET leakage current
VINDCDC3 = 6.3 V
2
µA
VINDCDC3 = 2.8 V
200
300
RDS(ON)
Low side MOSFET on-resistance
m
VINDCDC3 = 3.5 V
160
180
ILL
Low side MOSFET leakage current
VDS = 6.3 V
1
µA
TPS65072
0.8
1.1
1.5
Forward current limit (high and
ILIMF
2.8 V < VINDCDC3 < 6.3 V
A
low side MOSFET)
TPS65070/73/731/732
2.1
2.4
3.5
fS
Oscillator frequency
1.95
2.25
2.55
MHz
Vout
Adjustable output voltage range
External resistor divider
0.6
Vin
V
Vref
Reference voltage
600
mV
Internal resistor divider, I2C
Fixed output voltage range
0.725
3.3
V
selectable (Default setting)
For DEFDCDC3 = LOW
1.0
Default output voltage for TPS65070
For DEFDCDC3 = HIGH
1.2
For DEFDCDC3 = LOW
1.2
Default output voltage for TPS65072
V
Vout
For DEFDCDC3 = HIGH
1.4
For DEFDCDC3 = LOW
1.2
Default output voltage for TPS65073, TPS650731, TPS65072
For DEFDCDC3 = HIGH
1.35
Fixed output voltage; PFM mode
–2%
3%
VINDCDC3 = 2.8 V to 6.3 V;
–1.5
0 mA
≤ IO ≤ 1.5 A
Fixed output voltage; PWM mode
1.5%
%
(1)
Output voltage specification does not include tolerance of external voltage programming resistors. Output voltage in PFM mode is
scaled to +1% of nominal value.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65070 TPS65073 TPS650731, TPS650732


Similar Part No. - TPS65073RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65073RSLT TI-TPS65073RSLT Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65073RSLT TI-TPS65073RSLT Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65073RSLT TI1-TPS65073RSLT Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65073RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
SATCA-10A3C2A-GPB1 SUNTSU-SATCA-10A3C2A-GPB1 Datasheet
1Mb / 6P
   Navigation Systems
logo
Shenzhen Huazhimei Semi...
HM5669 HMSEMI-HM5669 Datasheet
386Kb / 10P
   GPS Navigation Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com