Electronic Components Datasheet Search |
|
TPS62222DDCTG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS62222DDCTG4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 24 page ELECTRICAL CHARACTERISTICS TPS62220 ,, TPS62221,, TPS62222 TPS62223, TPS62224, TPS62225 TPS62227, TPS62228, TPS62229 www.ti.com....................................................................................................................................... SLVS491E – SEPTEMBER 2003 – REVISED FEBRUARY 2009 VI = 3.6 V, VO = 1.8 V, IO = 200 mA, EN = VIN, TA = -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SUPPLY CURRENT VI Input voltage range 2.5 6 V IQ Operating quiescent current IO = 0 mA, Device is not switching 15 25 µA Shutdown supply current EN = GND 0.1 1 µA Undervoltage lockout threshold 1.5 2 V ENABLE EN high level input voltage 1.3 V V(EN) EN low level input voltage 0.4 V I(EN) EN input bias current EN = GND or VIN 0.01 0.1 µA POWER SWITCH VI = VGS = 3.6 V 530 670 P-channel MOSFET on-resistance m Ω VI = VGS = 2.5 V 670 850 rDS(on) VI = VGS = 3.6 V 430 540 N-channel MOSFET on-resistance m Ω VI = VGS = 2.5 V 530 660 P-channel leakage current VDS = 6 V 0.1 1 µA Ilkg N-channel leakage current VDS = 6 V 0.1 1 µA I(LIM) P-channel current limit 2.5 V < VI < 6 V 600 670 880 mA OSCILLATOR fS Switching frequency 0.8 1.25 1.85 MHz OUTPUT IO Output current 400 mA Adjustable output voltage VO TPS62220 0.7 VIN V range Vref Reference voltage 500 mV VI = 3.6 V to 6 V, IO = 0 mA 0% 3% TPS62220 Feedback voltage, See (1) Adjustable VI = 3.6 V to 6 V, 0 mA ≤ IO ≤ 400 mA -3% 3% VI = 2.7 V to 6 V, IO = 0 mA 0% 3% TPS62227 1.2 V VI = 2.7 V to 6 V, 0 mA ≤ IO ≤ 400 mA -3% 3% VI = 2.5 V to 6 V, IO = 0 mA 0% 3% TPS62221 1.5 V VI = 2.5 V to 6 V, 0 mA≤ IO ≤ 400 mA -3% 3% VI = 2.5 V to 6 V, IO = 0 mA 0% 3% TPS62224 1.6 V VI = 2.5 V to 6 V, 0 mA ≤ IO ≤ 400 mA -3% 3% VI = 2.5 V to 6 V, IO = 0 mA 0% 3% TPS62229 1.7 V VI = 2.5 V to 6 V, 0 mA ≤ IO ≤ 400 mA -3% 3% VO Fixed output voltage VI = 2.5 V to 6 V, IO = 0 mA 0% 3% TPS62222 1.8 V VI = 2.5 V to 6 V, 0 mA ≤ IO ≤ 400 mA -3% 3% VI = 2.5 V to 6 V, IO = 0 mA 0% 3% TPS62228 1.875 V VI = 2.5 V to 6 V, 0 mA ≤ IO ≤ 400 mA -3% 3% VI = 2.7 V to 6 V, IO = 0 mA 0% 3% TPS62225 2.2 V VI = 2.7 V to 6 V, 0 mA ≤ IO ≤ 400 mA -3% 3% VI = 2.7 V to 6 V, IO = 0 mA 0% 3% TPS62223 2.3 V VI = 2.7 V to 6 V, 0 mA ≤ IO ≤ 400 mA -3% 3% (1) For output voltages ≤ 1.2 V, a 22 µF output capacitor value is required to achieve a maximum output voltage accuracy of 3% while operating in power-save mode (PFM mode). For output voltages ≥ 2 V, an inductor of 10 µH and an output capacitor of ≥ 10 µF is recommended. See the Application Information section for external components. Copyright © 2003–2009, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TPS62220 TPS62221 TPS62222 TPS62223 TPS62224 TPS62225 TPS62227 TPS62228 TPS62229 |
Similar Part No. - TPS62222DDCTG4 |
|
Similar Description - TPS62222DDCTG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |