Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS12-1500-ADSI16-L05- Datasheet(PDF) 4 Page - ASM GmbH

Part # WS12-1500-ADSI16-L05-
Description  analog or SSI output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS12-1500-ADSI16-L05- Datasheet(HTML) 4 Page - ASM GmbH

  WS12-1500-ADSI16-L05- Datasheet HTML 1Page - ASM GmbH WS12-1500-ADSI16-L05- Datasheet HTML 2Page - ASM GmbH WS12-1500-ADSI16-L05- Datasheet HTML 3Page - ASM GmbH WS12-1500-ADSI16-L05- Datasheet HTML 4Page - ASM GmbH WS12-1500-ADSI16-L05- Datasheet HTML 5Page - ASM GmbH WS12-1500-ADSI16-L05- Datasheet HTML 6Page - ASM GmbH WS12-1500-ADSI16-L05- Datasheet HTML 7Page - ASM GmbH WS12-1500-ADSI16-L05- Datasheet HTML 8Page - ASM GmbH WS12-1500-ADSI16-L05- Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ASM
CAT-WS-E-05
37
www.asm-sensor.com
Cable Forces
typical at 20 °C
Range
[mm]
Max. Pull-out Force
[N]
Min. Pull-in Force
[N]
1250
6.6
2.7
1500
10.6
6.5
2000
5.7
4.1
2500
5.7
4.1
3000
5.8
4.0
Outline drawing
Option
SB0
Dimensions informative only.
For guaranteed dimensions consult factory
Dimensions
Range [mm
]
A
B
C
D
E
F (F*)
1250
18,5
137
14
43
71
141 (149)
1500
11
152
14
43
71
141 (149)
2000
9,5
152
15
79
109
179 (187)
2500
9,5
152
15
79
109
179 (187)
3000
9,5
152
15
79
109
179 (187)
Model WS12
with incremental encoder output


Similar Part No. - WS12-1500-ADSI16-L05-

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS12-1500-10V-L05- ASM-SENSOR-WS12-1500-10V-L05- Datasheet
284Kb / 5P
   analog output Dust explosion-proof
WS12-1500-10V-L10- ASM-SENSOR-WS12-1500-10V-L10- Datasheet
284Kb / 5P
   analog output Dust explosion-proof
WS12-1500-10V-L25 ASM-SENSOR-WS12-1500-10V-L25 Datasheet
284Kb / 5P
   analog output Dust explosion-proof
WS12-1500-420A-L05- ASM-SENSOR-WS12-1500-420A-L05- Datasheet
284Kb / 5P
   analog output Dust explosion-proof
WS12-1500-420A-L10- ASM-SENSOR-WS12-1500-420A-L10- Datasheet
284Kb / 5P
   analog output Dust explosion-proof
More results

Similar Description - WS12-1500-ADSI16-L05-

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
   analog or SSI output
WS10SG ASM-SENSOR-WS10SG Datasheet
325Kb / 10P
   analog or SSI output
WS10 ASM-SENSOR-WS10 Datasheet
379Kb / 10P
   analog or SSI output
WS17KT ASM-SENSOR-WS17KT Datasheet
248Kb / 8P
   analog or SSI output
WS10ZG ASM-SENSOR-WS10ZG Datasheet
508Kb / 7P
   Analog, SSI or CANopen Output
WB17KT ASM-SENSOR-WB17KT Datasheet
373Kb / 4P
   Analog, SSI or CANopen Output
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
ASM GmbH
WS2.1 ASM-SENSOR-WS2.1 Datasheet
78Kb / 4P
   Analog or A/D converted synchronous serial output
logo
Extech Instruments Corp...
382203 EXTECH-382203_15 Datasheet
204Kb / 1P
   Analog or Digital Triple Output DC Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com