Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73401DDCR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73401DDCR
Description  250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73401DDCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS73401DDCR Datasheet HTML 3Page - Texas Instruments TPS73401DDCR Datasheet HTML 4Page - Texas Instruments TPS73401DDCR Datasheet HTML 5Page - Texas Instruments TPS73401DDCR Datasheet HTML 6Page - Texas Instruments TPS73401DDCR Datasheet HTML 7Page - Texas Instruments TPS73401DDCR Datasheet HTML 8Page - Texas Instruments TPS73401DDCR Datasheet HTML 9Page - Texas Instruments TPS73401DDCR Datasheet HTML 10Page - Texas Instruments TPS73401DDCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
10 s/div
m
V
OUT
V
EN
C
=10 F
OUT
m
C
=2.2 F
OUT
m
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
-
10 s/div
m
V
EN
V
OUT
C
=2.2 F
OUT
m
C
=10 F
OUT
m
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
-
20 s/div
m
100mV/div
100mV/div
100mA/div
V
OUT
V
OUT
I
OUT
C
=1.0 F
OUT
m
C
=2.2 F
OUT
m
V
=2.7V
IN
1mA
250mA
50ms/div
7
6
5
4
3
2
1
0
-1
V
IN
I
=250mA
OUT
V
OUT
20 s/div
m
20mV/div
20mV/div
1V/div
V
OUT
V
OUT
V
IN
I
=
OUT
250mA
dV
IN
dt
=1V/ s
m
C
=2.2 F
OUT
m
C
=
OUT
1.0 F
m
2.7V
3.7V
TPS734xx
www.ti.com ........................................................................................................................................ SBVS089F – DECEMBER 2007 – REVISED FEBRUARY 2009
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C); VIN = VOUT(TYP) + 0.3V or 2.7V, whichever is greater; IOUT = 1mA,
VEN = VIN,COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS73401, VOUT = 3.0V. Typical values are at TJ =
+25°C.
TPS73425
TURN-ON RESPONSE
TPS73425
(VIN = VEN)
ENABLE RESPONSE OVER STABLE VIN
Figure 15.
Figure 16.
TPS73410
TPS73410
POWER-UP/POWER-DOWN
LOAD TRANSIENT RESPONSE
Figure 17.
Figure 18.
TPS73410
LINE TRANSIENT RESPONSE
Figure 19.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS73401DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73401DDCR TI1-TPS73401DDCR Datasheet
739Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73401DDCR TI1-TPS73401DDCR Datasheet
1Mb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73401DDCR TI-TPS73401DDCR Datasheet
1Mb / 23P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results

Similar Description - TPS73401DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS734XX TI1-TPS734XX_14 Datasheet
1Mb / 21P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI1-TPS73433-Q1 Datasheet
569Kb / 13P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_V01 Datasheet
1Mb / 23P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI1-TPS734XX_16 Datasheet
1Mb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI-TPS73433-Q1_15 Datasheet
575Kb / 15P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73401 TI1-TPS73401 Datasheet
739Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com