Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73701DCQG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73701DCQG4
Description  1A Low-Dropout Regulator with Reverse Current Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73701DCQG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS73701DCQG4 Datasheet HTML 6Page - Texas Instruments TPS73701DCQG4 Datasheet HTML 7Page - Texas Instruments TPS73701DCQG4 Datasheet HTML 8Page - Texas Instruments TPS73701DCQG4 Datasheet HTML 9Page - Texas Instruments TPS73701DCQG4 Datasheet HTML 10Page - Texas Instruments TPS73701DCQG4 Datasheet HTML 11Page - Texas Instruments TPS73701DCQG4 Datasheet HTML 12Page - Texas Instruments TPS73701DCQG4 Datasheet HTML 13Page - Texas Instruments TPS73701DCQG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
160
140
120
100
80
60
40
20
0
-50
-25
0
25
50
75
100
125
Temperature( C)
°
60
55
50
45
40
35
30
25
20
C
(F)
FB
10p
100p
1n
10n
V
=2.5V
OUT
C
=0 F
m
OUT
R =39.2kW
1
10Hz<Frequency<100kHz
10 s/div
m
100mV/div
V
OUT
I
OUT
250mA
10mA
C
=10 F
m
OUT
C
=10nF
FB
R =39.2kW
1
5 s/div
m
100mV/div
V
OUT
V
IN
4.5V
3.5V
C
=10 F
m
OUT
V
=2.5V
OUT
C
=10nF
FB
TPS737xx
SBVS067I – JANUARY 2006 – REVISED MARCH 2009.................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at TJ = +25°C, VIN = VOUT(nom) + 1.0V, IOUT = 10mA, VEN = 2.2V, and COUT = 2.2µF, unless otherwise
noted.
TPS73701
TPS73701
RMS NOISE VOLTAGE vs CFB
IFB vs TEMPERATURE
Figure 27.
Figure 28.
TPS73701
TPS73701
LOAD TRANSIENT, ADJUSTABLE VERSION
LINE TRANSIENT, ADJUSTABLE VERSION
Figure 29.
Figure 30.
10
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated


Similar Part No. - TPS73701DCQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73701DCQG4 TI-TPS73701DCQG4 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQG4 TI-TPS73701DCQG4 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQG4 TI1-TPS73701DCQG4 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQG4 TI1-TPS73701DCQG4 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73701DCQG4 TI1-TPS73701DCQG4 Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73701DCQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com