Electronic Components Datasheet Search |
|
TPS71718DSET Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TPS71718DSET Datasheet(HTML) 1 Page - Texas Instruments |
1 / 28 page 1 FEATURES DESCRIPTION APPLICATIONS TPS717xx GND EN NR IN OUT V IN V OUT 1 F m 0.01 F m Ceramic (Optional) 1 F m Ceramic V EN TypicalApplicationCircuitforFixedVoltageVersions 80 70 60 50 40 30 20 10 0 10 100k 10M Frequency(Hz) 1k 10k 100 1M C =1 F C =10nF m OUT NR 150mA 10mA 75mA IN N/C (1) EN 6 5 4 OUT NR/FB GND 1 2 3 GND TPS717xxDRV 2mmx2mmSON (TOPVIEW) TPS717xxDCK SC70-5PACKAGE (TOPVIEW) OUT NR/FB IN GND EN 1 2 3 4 5 IN N/C (1) EN 6 5 4 OUT GND NR/FB 1 2 3 TPS717xxDSE 1.5mmx1.5mmSON (TOPVIEW) NOTE:(1)N/C=Notconnected. TPS717xx www.ti.com.................................................................................................................................................. SBVS068G – FEBRUARY 2006 – REVISED APRIL 2009 Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator 23 • 150mA Low-Dropout Regulator with Enable The TPS717xx family of low-dropout (LDO), low-power linear regulators offers very high power • Low I Q: 45µA (typical) supply rejection (PSRR) while maintaining very low • Available in Multiple Output Versions: 45 µA ground current in an ultra-small, five-pin SC70 – Fixed Output with Voltages from 0.9V to package. The family uses an advanced BiCMOS 5.0V Using Innovative Factory EEPROM process and a PMOSFET pass device to achieve fast Programming start-up, very low noise, excellent transient response, and excellent PSRR performance. The TPS717xx is – Adjustable Output Voltage from 0.9V to stable with a 1.0 µF ceramic output capacitor, and 6.2V uses a precision voltage reference and feedback loop • Ultra-High PSRR: to achieve a worst-case accuracy of 3% over all load, – 70dB at 1kHz, 67dB at 100kHz and 45dB at line, process, and temperature variations. It is fully 1MHz specified from TJ = –40°C to +125°C and is offered in a small SC70-5 package, a 2mm × 2mm SON-6 • Low Noise: 30µV typical (100Hz to 100kHz) package with a thermal pad, and a 1.5mm × 1.5mm • Stable with a 1.0µF Ceramic Capacitor SON package, which are ideal for small form factor • Excellent Load/Line Transient Response portable equipment such as wireless handsets and PDAs. • 3% Overall Accuracy (over Load/Line/Temp) • Over-Current and Over-Temperature Protection • Very Low Dropout: 170mV Typical at 150mA • Small SC70-5, 2mm x 2mm SON-6, and 1.5mm × 1.5mm SON-6 Packages • Mobile Phone Handsets • Wireless LAN, Bluetooth® • PDAs and Smartphones 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 Bluetooth is a registered trademark of Bluetooth SIG, Inc. 3 All other trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2006–2009, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - TPS71718DSET |
|
Similar Description - TPS71718DSET |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |